Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVBLS001N06C Datasheet (PDF) - ON Semiconductor

Part # NVBLS001N06C
Description  MOSFET - Power, Single N-Channel, TOLL 60 V, 0.9 m, 422 A
File Size   406.54 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVBLS001N06C Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVBLS001N06C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVBLS0D5N04C ONSEMI-NVBLS0D5N04C Datasheet
305Kb / 7P
MOSFET - Power, Single N-Channel, TOLL
June, 2020 ??Rev. 0
NVBLS0D5N04CTXG ONSEMI-NVBLS0D5N04CTXG Datasheet
305Kb / 7P
MOSFET - Power, Single N-Channel, TOLL
June, 2020 ??Rev. 0
NVBLS0D5N04M8 ONSEMI-NVBLS0D5N04M8 Datasheet
496Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 300 A, 0.57 m
June, 2019 ??Rev. 0
NVBLS0D5N04M8TXG ONSEMI-NVBLS0D5N04M8TXG Datasheet
496Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 300 A, 0.57 m
June, 2019 ??Rev. 0
NVBLS0D7N06C ONSEMI-NVBLS0D7N06C Datasheet
389Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 60 V, 0.75 m, 470 A
November, 2021-Rev. 1
More results


Similar Description - NVBLS001N06C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDBL9403-F085T6 ONSEMI-FDBL9403-F085T6 Datasheet
217Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 40 V, 0.95 m, 300 A
June, 2020 ??Rev. 0
NTBLS001N06C ONSEMI-NTBLS001N06C Datasheet
404Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 60 V, 0.9 m, 422 A
December, 2019 ??Rev. 1
NTBLS0D7N06C ONSEMI-NTBLS0D7N06C Datasheet
389Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 60 V, 0.75 m, 470 A
November, 2021 ??Rev. 3
NTBLS1D1N08H ONSEMI-NTBLS1D1N08H Datasheet
423Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 80 V, 1.05 m, 351 A
January, 2021 ??Rev. 1
NTBLS1D7N08H ONSEMI-NTBLS1D7N08H Datasheet
364Kb / 8P
MOSFET - Power, Single N-Channel, TOLL 80 V, 1.7 m, 203 A
January, 2021 ??Rev. 2
NVBLS0D7N06C ONSEMI-NVBLS0D7N06C Datasheet
389Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 60 V, 0.75 m, 470 A
November, 2021-Rev. 1
NVBLS1D1N08H ONSEMI-NVBLS1D1N08H Datasheet
424Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 80 V, 1.05 m, 351 A
March, 2020-Rev. 2
NVBLS1D7N10MC ONSEMI-NVBLS1D7N10MC Datasheet
271Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 100 V, 1.8 m, 265 A
April, 2022 ??Rev. 2
NTBLS1D5N10MC ONSEMI-NTBLS1D5N10MC Datasheet
272Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 100 V, 1.5 m, 312 A
April, 2022 - Rev. 2
NVBLS0D8N08X ONSEMI-NVBLS0D8N08X Datasheet
290Kb / 7P
MOSFET - Power, Single N-Channel, TOLL 80 V, 0.79 m, 457 A
May, 2023 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com