Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVD5C464N Datasheet (PDF) - ON Semiconductor

Part # NVD5C464N
Description  MOSFET ??Power, Single N-Channel 40 V, 5.8 m, 59 A
File Size   232.54 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVD5C464N Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVD5C464N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NVD5C464N ISC-NVD5C464N Datasheet
260Kb / 2P
isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NVD5C464NL ONSEMI-NVD5C464NL Datasheet
241Kb / 7P
Power MOSFET 40 V, 5.2 m, 64 A, Single N?묬hannel
September, 2017-Rev. 0
NVD5C464NLT4G ONSEMI-NVD5C464NLT4G Datasheet
241Kb / 7P
Power MOSFET 40 V, 5.2 m, 64 A, Single N?묬hannel
September, 2017-Rev. 0
logo
BYCHIP ELECTRONICS CO.,...
NVD5C464NT4G BYCHIP-NVD5C464NT4G Datasheet
984Kb / 4P
N-channel Advanced Mode Power MOSFET
v1.0
More results


Similar Description - NVD5C464N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD6N04R2 ONSEMI-NTMD6N04R2 Datasheet
84Kb / 5P
Power MOSFET 40 V, 5.8 A, Dual N-Channel SOIC-8
December, 2007 - Rev. 0
logo
NXP Semiconductors
BUK7K6R2-40E PHILIPS-BUK7K6R2-40E_15 Datasheet
344Kb / 13P
Dual N-channel 40 V, 5.8 m廓 standard level MOSFET
6 November 2013
logo
Nexperia B.V. All right...
BUK7K6R2-40E NEXPERIA-BUK7K6R2-40E Datasheet
763Kb / 13P
Dual N-channel 40 V, 5.8 m廓 standard level MOSFET
logo
ON Semiconductor
NTD5C464N ONSEMI-NTD5C464N Datasheet
233Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 5.8 m, 59 A
May, 2021 ??Rev. 2
NTMFS6H848NL ONSEMI-NTMFS6H848NL Datasheet
186Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 8.8 m, 59 A
December, 2019-Rev. 0
NTMYS008N08LH ONSEMI-NTMYS008N08LH Datasheet
281Kb / 7P
MOSFET- Power, Single N-Channel 80 V, 8.8 m, 59 A
February, 2020-Rev. 0
NVHL040N60S5F ONSEMI-NVHL040N60S5F Datasheet
797Kb / 9P
MOSFET ??Single N-Channel, SUPERFET V, FRFET 600 V, 40 m, 59 A
April, 2022 ??Rev. 0
NVMFS6H848NL ONSEMI-NVMFS6H848NL Datasheet
188Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 8.8 m, 59 A
December, 2019?뭃ev. 0
NVMYS008N08LH ONSEMI-NVMYS008N08LH Datasheet
282Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 8.8 m, 59 A
February, 2020 - Rev. 0
NTMD6N04 ONSEMI-NTMD6N04 Datasheet
219Kb / 8P
MOSFET – Power, Dual N-Channel, SOIC-8 40 V, 5.8 A
July, 2019 - Rev. 2
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com