Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVD5C486N Datasheet (PDF) - ON Semiconductor

Part # NVD5C486N
Description  MOSFET ??Power, Single, N-Channel 40 V, 17.9 m, 22 A
File Size   233.09 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVD5C486N Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVD5C486N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NVD5C486N ISC-NVD5C486N Datasheet
260Kb / 2P
isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NVD5C486NL ONSEMI-NVD5C486NL Datasheet
234Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 16 m, 24 A
June, 2019-Rev. 0
logo
Inchange Semiconductor ...
NVD5C486NL ISC-NVD5C486NL Datasheet
260Kb / 2P
isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NVD5C486NLT4G ONSEMI-NVD5C486NLT4G Datasheet
234Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 16 m, 24 A
June, 2019-Rev. 0
More results


Similar Description - NVD5C486N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS6H864NL ONSEMI-NTMFS6H864NL Datasheet
137Kb / 6P
MOSFET - Power, Single N-Channel 80 V, 29 m, 22 A
March, 2020 ??Rev. 0
NTTFS6H880NL ONSEMI-NTTFS6H880NL Datasheet
138Kb / 6P
MOSFET - Power, Single N-Channel 80 V, 29 m, 22 A
March, 2020 ??Rev. 0
NVTFS5C478NL ONSEMI-NVTFS5C478NL Datasheet
208Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2
NTMJS0D8N04CL ONSEMI-NTMJS0D8N04CL Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
November,2019-Rev. 0
NTMJS0D9N04C ONSEMI-NTMJS0D9N04C Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 0
NTMYS4D5N04C ONSEMI-NTMYS4D5N04C Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.5 m, 80 A
November, 2019-Rev. 0
NTMYS029N08LH ONSEMI-NTMYS029N08LH Datasheet
279Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 29 m, 22 A
February, 2020-Rev. 0
NTTFS6H880N ONSEMI-NTTFS6H880N Datasheet
209Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 32 m, 22 A
June, 2020 ??Rev. 1
NVTFS6H880NL ONSEMI-NVTFS6H880NL Datasheet
277Kb / 8P
MOSFET - Power, Single N-Channel 80 V, 29 m, 22 A
November, 2020-Rev. 1
NVMYS029N08LH ONSEMI-NVMYS029N08LH Datasheet
279Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 29 m, 22 A
February, 2020 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com