Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN376 Datasheet (PDF) - Infineon Technologies AG

Part # AN376
Description  Transceiver for V-Band Backhaul Applications from 57 to 64 GHz
File Size   2144.03 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

AN376 Datasheet (PDF) - Infineon Technologies AG



Similar Part No. - AN376

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AN3728 FREESCALE-AN3728 Datasheet
94Kb / 4P
Media Compatibility for IPS PRT Pressure Sensors
logo
Silicon Laboratories
AN377 SILABS-AN377 Datasheet
1Mb / 18P
TIMING AND SYNCHRONIZATION IN BROADCAST VIDEO
logo
List of Unclassifed Man...
AN377 ETC2-AN377 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Freescale Semiconductor...
AN3785 FREESCALE-AN3785 Datasheet
944Kb / 2P
Digital barometric pressure sensor
REV 1
logo
List of Unclassifed Man...
AN3791 ETC-AN3791 Datasheet
149Kb / 3P
VTR X-VALUE SHIFT CIRCUIT
More results


Similar Description - AN376

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA2400A PHILIPS-SA2400A Datasheet
325Kb / 34P
Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
logo
List of Unclassifed Man...
NA0108B ETC2-NA0108B Datasheet
529Kb / 2P
High Performance Transceiver for the 2.45 GHz ISM Band
logo
Panasonic Battery Group
AN26024A PANASONICBATTERY-AN26024A Datasheet
337Kb / 11P
Ultra small, Single Band LNA-IC for 2.4 GHz Band Applications
AN26025A PANASONICBATTERY-AN26025A Datasheet
335Kb / 11P
Ultra small, Single Band LNA-IC for 5 GHz Band Applications
AN26031A PANASONICBATTERY-AN26031A Datasheet
393Kb / 16P
Single Band LNA-IC for 2.5 GHz Band Applications
logo
Infineon Technologies A...
BGT60 INFINEON-BGT60 Datasheet
447Kb / 2P
Infineon rounds off the Backhaul Family with a packaged RF Solution for V-band Radio
08/2013
logo
Marki Microwave
AMM-7210 MARKIMICROWAVE-AMM-7210 Datasheet
5Mb / 16P
22 GHz ??57 GHz GaAs Driver Amplifier
logo
Texas Instruments
AWRL6432 TI-AWRL6432 Datasheet
1Mb / 64P
AWRL6432 Single-Chip 57- to 64-GHz Automotive Radar Sensor
DECEMBER 2022
IWRL6432 TI-IWRL6432 Datasheet
1Mb / 64P
IWRL6432 Single-Chip 57- to 64-GHz Industrial Radar Sensor
DECEMBER 2022
IWR6243 TI1-IWR6243 Datasheet
1Mb / 62P
IWR6243 Single-Chip 57- to 64-GHz FMCW Transceiver
REVISED NOVEMBER 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com