Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

792-802 Datasheet (PDF) - WAGO Kontakttechnik GmbH & Co. KG

Part # 792-802
Description  Surge suppression module for signal technology; Nominal voltage: 24 VDC
File Size   222.03 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

792-802 Datasheet (PDF) - WAGO Kontakttechnik GmbH & Co. KG



Similar Part No. - 792-802

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
792-800 WAGO-792-800 Datasheet
225Kb / 8P
Surge suppression module for signal technology; Nominal voltage: 24 VDC
23.11.2021
792-801 WAGO-792-801 Datasheet
222Kb / 8P
Surge suppression module for signal technology; Nominal voltage: 24 VDC
23.11.2021
792-803 WAGO-792-803 Datasheet
241Kb / 9P
Surge suppression module for signal technology; Nominal voltage: 24 VDC
23.11.2021
792-804 WAGO-792-804 Datasheet
224Kb / 8P
Surge suppression module for signal technology; Nominal voltage: 48 VDC
23.11.2021
792-805 WAGO-792-805 Datasheet
224Kb / 8P
Surge suppression module for signal technology; Nominal voltage: 5 VDC
23.11.2021
More results


Similar Description - 792-802

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
859-706 WAGO-859-706 Datasheet
339Kb / 10P
Optocoupler module; Nominal input voltage: 24 VDC
286-368 WAGO-286-368 Datasheet
364Kb / 6P
Relay module; Nominal input voltage: 24 VDC
286-791 WAGO-286-791 Datasheet
320Kb / 6P
Optocoupler module; Nominal input voltage: 24 VDC
286-352-004-000 WAGO-286-352-004-000 Datasheet
323Kb / 6P
Relay module; Nominal input voltage: 24 VDC
286-368-004-000 WAGO-286-368-004-000 Datasheet
406Kb / 6P
Relay module; Nominal input voltage: 24 VDC
792-800 WAGO-792-800 Datasheet
225Kb / 8P
Surge suppression module for signal technology; Nominal voltage: 24 VDC
23.11.2021
792-801 WAGO-792-801 Datasheet
222Kb / 8P
Surge suppression module for signal technology; Nominal voltage: 24 VDC
23.11.2021
792-803 WAGO-792-803 Datasheet
241Kb / 9P
Surge suppression module for signal technology; Nominal voltage: 24 VDC
23.11.2021
792-804 WAGO-792-804 Datasheet
224Kb / 8P
Surge suppression module for signal technology; Nominal voltage: 48 VDC
23.11.2021
792-805 WAGO-792-805 Datasheet
224Kb / 8P
Surge suppression module for signal technology; Nominal voltage: 5 VDC
23.11.2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com