Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFD5C446NL Datasheet (PDF) - ON Semiconductor

Part # NVMFD5C446NL
Description  MOSFET ??Power, Dual N-Channel 40 V, 2.65 m, 145 A
File Size   233.79 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFD5C446NL Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMFD5C446NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFD5C446N ONSEMI-NVMFD5C446N Datasheet
293Kb / 7P
Power MOSFET 40 V, 2.9 m, 127 A, Dual N?묬hannel
October, 2017 ??Rev. 1
NVMFD5C446NT1G ONSEMI-NVMFD5C446NT1G Datasheet
293Kb / 7P
Power MOSFET 40 V, 2.9 m, 127 A, Dual N?묬hannel
October, 2017 ??Rev. 1
NVMFD5C446NWFT1G ONSEMI-NVMFD5C446NWFT1G Datasheet
293Kb / 7P
Power MOSFET 40 V, 2.9 m, 127 A, Dual N?묬hannel
October, 2017 ??Rev. 1
More results


Similar Description - NVMFD5C446NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFD5C446NL ONSEMI-NTMFD5C446NL Datasheet
231Kb / 7P
MOSFET ??Power, Dual, N-Channel 40 V, 2.65 m, 145 A
May, 2019 ??Rev. 0
NTMFD5C466NL ONSEMI-NTMFD5C466NL Datasheet
231Kb / 7P
MOSFET ??Power, Dual, N-Channel 40 V, 7.4 m, 52 A
May, 2019 ??Rev. P4
NTMFD5C470NL ONSEMI-NTMFD5C470NL Datasheet
229Kb / 7P
MOSFET ??Power, Dual, N-Channel 40 V, 11.5 m, 36 A
May, 2019 ??Rev. P3
NVMFD5C462N ONSEMI-NVMFD5C462N Datasheet
231Kb / 7P
MOSFET ??Power, Dual N-Channel 40 V, 5.4 m, 70 A
July, 2019 ??Rev. 1
NVMFD5C462NL ONSEMI-NVMFD5C462NL Datasheet
231Kb / 7P
MOSFET ??Power, Dual N-Channel 40 V, 4.7 m, 84 A
July, 2019 ??Rev. P3
NVMFD5C466N ONSEMI-NVMFD5C466N Datasheet
233Kb / 7P
MOSFET ??Power, Dual N-Channel 40 V, 8.1 m, 49 A
July, 2019 ??Rev. 1
NVMFD5C466NL ONSEMI-NVMFD5C466NL Datasheet
232Kb / 7P
MOSFET ??Power, Dual N-Channel 40 V, 7.4 m, 52 A
July, 2019 ??Rev. 4
NVMFD5C470NL ONSEMI-NVMFD5C470NL Datasheet
230Kb / 7P
MOSFET ??Power, Dual N-Channel 40 V, 11.5 m, 36 A
July, 2019 ??Rev. 4
NVMFD5C672NL ONSEMI-NVMFD5C672NL Datasheet
231Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 11.9 m, 40 A
June, 2020 ??Rev. 3
NVLJWD023N04CL ONSEMI-NVLJWD023N04CL Datasheet
140Kb / 7P
MOSFET – Power, Dual N-Channel 40 V, 23 m, 25 A
June, 2022 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com