Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFD5C478NL Datasheet (PDF) - ON Semiconductor

Part # NVMFD5C478NL
Description  Power MOSFET 40 V, 14.5 m, 29 A, Dual N?묬hannel
File Size   179.95 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFD5C478NL Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMFD5C478NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFD5C478N ONSEMI-NVMFD5C478N Datasheet
220Kb / 7P
Power MOSFET 40 V, 17.0 m, 27 A, Dual N?묬hannel
December, 2018-Rev. 1
NVMFD5C478NT1G ONSEMI-NVMFD5C478NT1G Datasheet
220Kb / 7P
Power MOSFET 40 V, 17.0 m, 27 A, Dual N?묬hannel
December, 2018-Rev. 1
NVMFD5C478NWFT1G ONSEMI-NVMFD5C478NWFT1G Datasheet
220Kb / 7P
Power MOSFET 40 V, 17.0 m, 27 A, Dual N?묬hannel
December, 2018-Rev. 1
More results


Similar Description - NVMFD5C478NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMYS2D4N04C ONSEMI-NTMYS2D4N04C Datasheet
203Kb / 6P
Power MOSFET 40 V, 2.3 m, 138 A, Single N?묬hannel
April, 2019 ??Rev. 0
NTMFD5C462NL ONSEMI-NTMFD5C462NL Datasheet
219Kb / 7P
Power MOSFET 40 V, 4.7 m, 84 A, Dual N?묬hannel
August, 2017 ??Rev. P3
NTMFD5C466N ONSEMI-NTMFD5C466N Datasheet
218Kb / 7P
Power MOSFET 40 V, 8.1 m, 49 A, Dual N?묬hannel
October, 2018 ??Rev. 0
NTMJS1D2N04CL ONSEMI-NTMJS1D2N04CL Datasheet
356Kb / 7P
Power MOSFET 40 V, 1.2 m, 237 A, Single N?묬hannel
December, 2018-Rev. 0
NTMJS1D5N04CL ONSEMI-NTMJS1D5N04CL Datasheet
356Kb / 7P
Power MOSFET Single N?묬hannel, 40 V, 1.4 m, 200 A
March, 2019-Rev. 0
NTMTS0D6N04CL ONSEMI-NTMTS0D6N04CL Datasheet
316Kb / 8P
Power MOSFET 40 V, 0.42 m, 554.5 A, Single N?묬hannel
January, 2019-Rev. 1
NTMYS8D0N04C ONSEMI-NTMYS8D0N04C Datasheet
323Kb / 7P
Power MOSFET 40 V, 8.1 m, 49 A, Single N?묬hannel
March, 2019-Rev. 0
NVMFD5C446N ONSEMI-NVMFD5C446N Datasheet
293Kb / 7P
Power MOSFET 40 V, 2.9 m, 127 A, Dual N?묬hannel
October, 2017 ??Rev. 1
NVMFD5C478N ONSEMI-NVMFD5C478N Datasheet
220Kb / 7P
Power MOSFET 40 V, 17.0 m, 27 A, Dual N?묬hannel
December, 2018-Rev. 1
NTLUS029N06T6 ONSEMI-NTLUS029N06T6 Datasheet
134Kb / 6P
Power MOSFET 60 V, 7 A, 29 m, Single N?묬hannel
August, 2018 ??Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com