Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFD5C650NL Datasheet (PDF) - ON Semiconductor

Part # NVMFD5C650NL
Description  MOSFET ??Power, Dual N-Channel 60 V, 4.2 m, 111 A
File Size   233.21 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFD5C650NL Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMFD5C650NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFD5C668NL ONSEMI-NVMFD5C668NL Datasheet
230Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 6.5 m, 68 A
July, 2019 ??Rev. 0
NVMFD5C668NLT1G ONSEMI-NVMFD5C668NLT1G Datasheet
230Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 6.5 m, 68 A
July, 2019 ??Rev. 0
NVMFD5C668NLWFT1G ONSEMI-NVMFD5C668NLWFT1G Datasheet
230Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 6.5 m, 68 A
July, 2019 ??Rev. 0
NVMFD5C672NL ONSEMI-NVMFD5C672NL Datasheet
231Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 11.9 m, 40 A
June, 2020 ??Rev. 3
NVMFD5C672NLT1G ONSEMI-NVMFD5C672NLT1G Datasheet
231Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 11.9 m, 40 A
June, 2020 ??Rev. 3
More results


Similar Description - NVMFD5C650NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS5832NL ONSEMI-NTMFS5832NL Datasheet
117Kb / 6P
Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
NTMFS5832NLT1G ONSEMI-NTMFS5832NLT1G Datasheet
117Kb / 6P
Power MOSFET 40 V, 111 A, 4.2 m
June, 2012 ??Rev. 1
NTB004N10G ONSEMI-NTB004N10G Datasheet
216Kb / 7P
MOSFET - Power, N-Channel 100 V, 4.2 m, 201 A
January, 2022 ??Rev. 4
NTMFD5C650NL ONSEMI-NTMFD5C650NL Datasheet
231Kb / 7P
MOSFET ??Power, Dual, N-Channel 60 V, 4.2 m, 111 A
May, 2019 ??Rev. P3
NTMFD5C680NL ONSEMI-NTMFD5C680NL Datasheet
362Kb / 7P
MOSFET ??Power, Dual, N-Channel 60 V, 28 m, 26 A
May, 2019 ??Rev. P3
NVD5C454N ONSEMI-NVD5C454N Datasheet
233Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.2 m, 83 A
June, 2019-Rev. 0
NVMFD5C672NL ONSEMI-NVMFD5C672NL Datasheet
231Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 11.9 m, 40 A
June, 2020 ??Rev. 3
NVMFD5C674NL ONSEMI-NVMFD5C674NL Datasheet
372Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 14.4 m, 42 A
December, 2020-Rev. P4
NVLJWD040N06CL ONSEMI-NVLJWD040N06CL Datasheet
138Kb / 7P
MOSFET - Power, Dual N-Channel 60 V, 38 m, 18 A
July, 2022 - Rev. 1
NVLJWS5D0N03CL ONSEMI-NVLJWS5D0N03CL Datasheet
169Kb / 7P
MOSFET - Power, Single N-Channel 30 V, 4.2 m, 77 A
June, 2022 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com