Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFD5C674NL Datasheet (PDF) - ON Semiconductor

Part # NVMFD5C674NL
Description  MOSFET ??Power, Dual N-Channel 60 V, 14.4 m, 42 A
File Size   372.44 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFD5C674NL Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMFD5C674NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFD5C672NL ONSEMI-NVMFD5C672NL Datasheet
231Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 11.9 m, 40 A
June, 2020 ??Rev. 3
NVMFD5C672NLT1G ONSEMI-NVMFD5C672NLT1G Datasheet
231Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 11.9 m, 40 A
June, 2020 ??Rev. 3
NVMFD5C672NLWFT1G ONSEMI-NVMFD5C672NLWFT1G Datasheet
231Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 11.9 m, 40 A
June, 2020 ??Rev. 3
More results


Similar Description - NVMFD5C674NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB6413AN ONSEMI-NTB6413AN_12 Datasheet
123Kb / 7P
N-Channel Power MOSFET 100 V, 42 A, 28 m
July, 2012 ??Rev. 3
logo
Fairchild Semiconductor
FDMS86520 FAIRCHILD-FDMS86520 Datasheet
258Kb / 7P
N-Channel PowerTrench짰 MOSFET 60 V, 42 A, 7.4 m廓
logo
Renesas Technology Corp
UPA2660T1R RENESAS-UPA2660T1R Datasheet
268Kb / 7P
DUAL N-CHANNEL MOSFET 20 V, 4.0 A, 42 m
logo
Fairchild Semiconductor
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
FQD20N06LTF FAIRCHILD-FQD20N06LTF Datasheet
1Mb / 8P
N-Channel QFET MOSFET 60 V, 17.2 A, 42 m
logo
ON Semiconductor
NTMFD5C674NL ONSEMI-NTMFD5C674NL Datasheet
369Kb / 7P
MOSFET ??Dual, N-Channel 60 V, 14.4 m, 42 A
May, 2019 ??Rev. P3
NTTFS012N10MD ONSEMI-NTTFS012N10MD Datasheet
267Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 14.4 m, 45 A
June, 2021 ??Rev. 1
NVMJD012N06CL ONSEMI-NVMJD012N06CL Datasheet
258Kb / 6P
MOSFET - Power, Dual N-Channel 60 V, 11.9 m, 42 A
August, 2022 - Rev. 1
NVMJD015N06CL ONSEMI-NVMJD015N06CL Datasheet
256Kb / 6P
MOSFET - Power, Dual N-Channel 60 V, 14.4 m, 35 A
August, 2022 - Rev. 1
NVMJD015N06CL ONSEMI-NVMJD015N06CL_V01 Datasheet
255Kb / 6P
MOSFET - Power, Dual N-Channel 60 V, 14.4 m, 35 A
September, 2022 - Rev. 2
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com