Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFS6H800N Datasheet (PDF) - ON Semiconductor

Part # NVMFS6H800N
Description  MOSFET ??Power, Single N-Channel 80 V, 2.1 m, 203 A
File Size   189.14 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS6H800N Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMFS6H800N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS6H800NL ONSEMI-NVMFS6H800NL Datasheet
204Kb / 7P
Power MOSFET Single N?묬hannel, 80 V, 1.9 m, 224 A
April, 2019 ??Rev. 2
NVMFS6H800NLT1G ONSEMI-NVMFS6H800NLT1G Datasheet
204Kb / 7P
Power MOSFET Single N?묬hannel, 80 V, 1.9 m, 224 A
April, 2019 ??Rev. 2
NVMFS6H800NLWFT1G ONSEMI-NVMFS6H800NLWFT1G Datasheet
204Kb / 7P
Power MOSFET Single N?묬hannel, 80 V, 1.9 m, 224 A
April, 2019 ??Rev. 2
More results


Similar Description - NVMFS6H800N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC8360L FAIRCHILD-FDMC8360L Datasheet
344Kb / 7P
N-Channel Shielded Gate Power Trench MOSFET 40 V, 80 A, 2.1 m
logo
ON Semiconductor
NTBGS002N06C ONSEMI-NTBGS002N06C Datasheet
231Kb / 7P
MOSFET - Power, Single N-Channel, D2PAK7 60 V, 2.1 m, 211 A
November, 2020 ??Rev. 1
NTBGS004N10G ONSEMI-NTBGS004N10G Datasheet
306Kb / 8P
MOSFET - Power, Single N-Channel, D2PAK7 100 V, 4.1 m, 203 A
January, 2021 ??Rev. 0
NTBLS1D7N08H ONSEMI-NTBLS1D7N08H Datasheet
364Kb / 8P
MOSFET - Power, Single N-Channel, TOLL 80 V, 1.7 m, 203 A
January, 2021 ??Rev. 2
NTD5C434N ONSEMI-NTD5C434N Datasheet
233Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 2.1 m, 160 A
May, 2019 ??Rev. 0
NTMFS6H836N ONSEMI-NTMFS6H836N Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.7 m, 80 A
June, 2020-Rev. 2
NTMFS6H836NL ONSEMI-NTMFS6H836NL Datasheet
184Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.2 m, 77 A
December, 2019-Rev. 0
NTTFS2D1N04HL ONSEMI-NTTFS2D1N04HL Datasheet
507Kb / 7P
MOSFET - Single N-Channel 40 V, 2.1 m, 150 A
May, 2020 ??Rev. 1
NTMFS2D5N08X ONSEMI-NTMFS2D5N08X Datasheet
146Kb / 6P
MOSFET – Power, Single N-Channel, STD Gate, SO8FL 80 V, 2.1 m, 181 A
October, 2023 - Rev. 0
NVMFWS2D1N08X ONSEMI-NVMFWS2D1N08X Datasheet
258Kb / 8P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 2.1 m, 181 A
October, 2023 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com