Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMTS001N06CL Datasheet (PDF) - ON Semiconductor

Part # NVMTS001N06CL
Description  MOSFET ??Power, Single N-Channel 60 V, 0.81 m, 398.2 A
File Size   401.46 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMTS001N06CL Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMTS001N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMTS001N06C ONSEMI-NVMTS001N06C Datasheet
400Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 0.91 m, 376 A
April, 2020 ??Rev. 1
NVMTS001N06CTXG ONSEMI-NVMTS001N06CTXG Datasheet
400Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 0.91 m, 376 A
April, 2020 ??Rev. 1
More results


Similar Description - NVMTS001N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMTS001N06CL ONSEMI-NTMTS001N06CL Datasheet
364Kb / 7P
Power MOSFET 60 V, 0.81 m, 398.2 A, Single N?묬hannel
January, 2019 ??Rev. 1
NTD5C648NL ONSEMI-NTD5C648NL Datasheet
233Kb / 7P
MOSFET ??Power, Single, N-Channel 60 V, 4.1 m, 91 A
May, 2019??Rev.
NTMJS0D9N04C ONSEMI-NTMJS0D9N04C Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 0
NVLJWS011N06CL ONSEMI-NVLJWS011N06CL Datasheet
163Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 9 m, 48 A
April, 2022 ??Rev. 1
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
NVMJS0D9N04C ONSEMI-NVMJS0D9N04C Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 1
NVMYS4D6N06C ONSEMI-NVMYS4D6N06C Datasheet
211Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 4.7 m, 92 A
October, 2021 ??Rev. 0
NVMYS7D0N06C ONSEMI-NVMYS7D0N06C Datasheet
214Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 7.0 m, 66 A
October, 2021 - Rev. 0
NVMYS016N06C ONSEMI-NVMYS016N06C Datasheet
208Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 16 m, 33 A
October, 2021 - Rev. 0
NVMYS025N06CL ONSEMI-NVMYS025N06CL Datasheet
339Kb / 7P
MOSFET – Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com