Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KVCM Datasheet (PDF) - AiT Semiconductor Inc.

Part # KVCM
Description  SMD CMOS VCXO
File Size   239.06 Kbytes
Html View  1 
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

KVCM Datasheet (PDF) - AiT Semiconductor Inc.



Similar Part No. - KVCM

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
KVC3225 AITSEMI-KVC3225 Datasheet
253Kb / 1P
SMD COMS VCXO
KVC5032 AITSEMI-KVC5032 Datasheet
249Kb / 1P
SMD CMOS VCXO
KVC7050 AITSEMI-KVC7050 Datasheet
251Kb / 1P
SMD CMOS VCXO
logo
KODENSHI_AUK CORP.
KVCB1-8512 KODENSHI-KVCB1-8512 Datasheet
312Kb / 2P
VCSEL, or Vertical Cavity Surface Emitting
KVCF1-8512 KODENSHI-KVCF1-8512 Datasheet
304Kb / 2P
VCSEL, or Vertical Cavity Surface Emitting
More results


Similar Description - KVCM

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SH-A3200 NEL-SH-A3200 Datasheet
179Kb / 2P
VCXO Series (CMOS)
logo
Crystek Corporation
CVHD-931 CRYSTEKCRYSTAL-CVHD-931 Datasheet
122Kb / 2P
9X14 mm SMD, 3.3V, CMOS High Performance CMOS VCXO
logo
ECS, Inc.
ECS-2532VXO ECS-ECS-2532VXO Datasheet
254Kb / 2P
SMD VCXO
logo
QUARTZCOM the communica...
VXO-6S-4P QUARTZCOM-VXO-6S-4P Datasheet
119Kb / 1P
Miniature packaged SMD VCXO CMOS
logo
MTRONPTI
XO7013 MTRONPTI-XO7013 Datasheet
274Kb / 4P
Specification for a CMOS 9x14mm SMD VCXO Series
logo
AiT Semiconductor Inc.
KVC5032 AITSEMI-KVC5032 Datasheet
249Kb / 1P
SMD CMOS VCXO
KVC7050 AITSEMI-KVC7050 Datasheet
251Kb / 1P
SMD CMOS VCXO
logo
Transko Electronics, In...
TSMV3 TRANSKO-TSMV3 Datasheet
380Kb / 1P
CMOS MINIATURE SMD VCXO (3.2 x 2.5 x 1.2mm)
Rev. 3: Jun. 2015
TVM26 TRANSKO-TVM26 Datasheet
760Kb / 1P
CMOS MINIATURE SMD VCXO (2.5 x 2.0 x 1.1mm)
Rev. 0: Aug, 2020
TVM36 TRANSKO-TVM36 Datasheet
162Kb / 1P
CMOS MINIATURE SMD VCXO (3.2 x 2.5 x 1.2mm)
Rev. 0: Jan. 2020
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com