| Manufacturer | Part # | Datasheet | Description |
 AiT Semiconductor Inc. |
MBR2100F
|
476Kb / 6P |
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.2 |
|
MBR220F
|
476Kb / 6P |
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.2 |
|
MBR240F
|
476Kb / 6P |
SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.2 |
|
SM120A
|
571Kb / 5P |
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2 |
|
SM220A
|
663Kb / 5P |
SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 2.0A
REV2.1 |
|
SM220BF
|
1Mb / 5P |
SCHOTTKY DIODES REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 2.0A
REV1.0 |
|
SM320AF
|
598Kb / 5P |
SCHOTTKY DIODES REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
REV1.0 |
|
SM320B
|
392Kb / 5P |
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
REV1.0 |
|
SM320BF
|
451Kb / 5P |
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
REV1.1 |
|
SM1100A
|
571Kb / 5P |
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2 |