Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC550 Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC550
Description  GAAS MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
File Size   227.18 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC550 Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC550

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC550 HITTITE-HMC550 Datasheet
466Kb / 6P
GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC550A HITTITE-HMC550A Datasheet
686Kb / 8P
GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
logo
Analog Devices
HMC550A AD-HMC550A Datasheet
368Kb / 6P
GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC550AE AD-HMC550AE Datasheet
368Kb / 6P
GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
logo
Hittite Microwave Corpo...
HMC550E HITTITE-HMC550E Datasheet
466Kb / 6P
GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
More results


Similar Description - HMC550

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW6020G MACOM-MASW6020G Datasheet
104Kb / 2P
GaAs SPST Switch DC-6 GHz
logo
Stanford Microdevices
SSW-524 STANFORD-SSW-524 Datasheet
198Kb / 3P
DC - 8 GHZ GAAS MMIC SPST SWITCH
SSW-508 STANFORD-SSW-508 Datasheet
83Kb / 2P
DC-4 GHz GaAs MMIC SPST Switch
logo
Excelics Semiconductor,...
EMS101-P1 EXCELICS-EMS101-P1 Datasheet
51Kb / 2P
DC - 6 GHz GaAs MMIC SPDT SWITCH
logo
Hittite Microwave Corpo...
HMC231G7 HITTITE-HMC231G7_08 Datasheet
186Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPST SWITCH, DC - 6 GHz
HMC546LP2 HITTITE-HMC546LP2_10 Datasheet
284Kb / 8P
GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
HMC546MS8G HITTITE-HMC546MS8G_10 Datasheet
436Kb / 12P
GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
HMC550 HITTITE-HMC550_10 Datasheet
466Kb / 6P
GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
HMC550A HITTITE-HMC550A Datasheet
686Kb / 8P
GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
logo
Analog Devices
HMC550A AD-HMC550A Datasheet
368Kb / 6P
GaAs MMIC SPST FAILSAFE SWITCH, DC - 6 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com