Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECX2-LMV Datasheet (PDF) - ECS, Inc.

Part # ECX2-LMV
Description  The ECX2-LMV is SMD LVDS Oscillator with MultiVolt™ capability of 2.375 ~ 3.63 V. Lowest in-class RMS jitter (12 KHz to 20 MHz) sub 50 fs at 156.250 MHz.
File Size   1244.09 Kbytes
Html View  1   2   3   4   5 
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECX2-LMV Datasheet (PDF) - ECS, Inc.



Similar Part No. - ECX2-LMV

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-.327-CDX-1293 ECS-ECX-.327-CDX-1293 Datasheet
588Kb / 2P
The ultra-minature ECX-.327-CDX-1293 is a very compact SMD
logo
Vecow Co., Ltd.
ECX-1000-2G VECOW-ECX-1000-2G Datasheet
416Kb / 2P
ECX-1000, 2 GigE LAN, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
ECX-1000-2R VECOW-ECX-1000-2R Datasheet
436Kb / 2P
ECX-1000, 2 GigE LAN, 2 SSD Tray, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
ECX-1000-4G VECOW-ECX-1000-4G Datasheet
418Kb / 2P
ECX-1000, 4 GigE LAN, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
ECX-1000-4R VECOW-ECX-1000-4R Datasheet
438Kb / 2P
ECX-1000, 4 GigE LAN, 2 SSD Tray, 4 COM, 2 SIM, 6 USB 3.1, 16 GPIO
More results


Similar Description - ECX2-LMV

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
PXO-P9-3DSH-6J QUARTZCOM-PXO-P9-3DSH-6J Datasheet
112Kb / 1P
Low jitter LVDS SMD Clock Oscillator Output frequency up to 800 MHz
logo
TEMEX
RVX7050M TEMEX-RVX7050M Datasheet
883Kb / 9P
Ultra Low Jitter 0.05 to 0.3 ps integrated 12 kHz to 20 MHz
logo
Mercury United Electron...
HDK8 MERCURY-HDK8 Datasheet
105Kb / 1P
HDK femto second integrated phase jitter ( 200 fs typical , 12 KHz to 20 MHz ) .
HDK14 MERCURY-HDK14 Datasheet
108Kb / 1P
HDK femto second integrated phase jitter ( 200 fs typical , 12 KHz to 20 MHz ) .
logo
Cypress Semiconductor
CY27410 CYPRESS-CY27410 Datasheet
2Mb / 29P
RMS phase jitter: 1-ps max at 12-kHz to 20-MHz offset
logo
ECS, Inc.
ECS-3225MVLC ECS-ECS-3225MVLC Datasheet
504Kb / 4P
The ECS-3225MVLC is a miniature SMD low current CMOS Oscillator with MultiVolt capability of 1.6 ~ 3.6 V.
2022
ECS-327ATQMV ECS-ECS-327ATQMV Datasheet
923Kb / 2P
SMD AEC-Q200 MultiVolt™ Crystal Oscillator
Rev. 2022
ECS-2520MVQ ECS-ECS-2520MVQ Datasheet
401Kb / 2P
SMD MultiVolt Crystal Oscillator
Rev. 2019
ECS-3215MV-327KE ECS-ECS-3215MV-327KE Datasheet
274Kb / 2P
SMD MultiVolt™ Crystal Oscillator
Rev. 2022
ECS-2012MV-327KE ECS-ECS-2012MV-327KE Datasheet
252Kb / 2P
SMD MultiVolt™ Crystal Oscillator
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com