Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS Datasheet (PDF) - Schurter Inc.

Part # SMS
Description  Print and SMD Switch Short Stroke 11.4 mm
File Size   334.01 Kbytes
Html View  1   2   3   4 
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

SMS Datasheet (PDF) - Schurter Inc.



Similar Part No. - SMS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SMS SCHURTER-SMS Datasheet
323Kb / 4P
Print and SMD Switch Short Stroke 11.4 mm
logo
Isabellenhütte Heu...
SMS ISABELLENHUETTE-SMS Datasheet
1Mb / 5P
Precision resistors
logo
Adam Technologies, Inc.
SMS-001-GT ADAM-TECH-SMS-001-GT Datasheet
57Kb / 1P
PIN RECEPTACLES
logo
Projects Unlimited, Inc...
SMS-1308MS-2-R PUI-SMS-1308MS-2-R Datasheet
215Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
PUI audio inc.
SMS-1308MS-2-R PUIAUDIO-SMS-1308MS-2-R Datasheet
335Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results


Similar Description - SMS

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MCS18FRONT SCHURTER-MCS18FRONT Datasheet
390Kb / 4P
Membrane Switch Frontpanel Short Stroke 18 mm
MTG SCHURTER-MTG Datasheet
255Kb / 3P
Printmount Switch Short Stroke 12.7 mm
SMS SCHURTER-SMS Datasheet
323Kb / 4P
Print and SMD Switch Short Stroke 11.4 mm
MCS19 SCHURTER-MCS19 Datasheet
638Kb / 6P
Metal Switch Short Stroke
1301.9307 SCHURTER-1301.9307 Datasheet
457Kb / 4P
Print and SMD Switch 6x6
01.12.2020
MCS16 SCHURTER-MCS16_V01 Datasheet
750Kb / 6P
Metal Switch Short Stroke
05.01.2022
MCS19 SCHURTER-MCS19_V02 Datasheet
647Kb / 6P
Metal Switch Short Stroke
05.01.2022
MCS18FRONT SCHURTER-MCS18FRONT_V01 Datasheet
396Kb / 4P
Membrane Switch Frontpanel Short Stroke 18 mm
04.01.2022
1301.9301 SCHURTER-1301.9301_V01 Datasheet
484Kb / 4P
Print and SMD Switch 6x6
04.01.2022
MTG SCHURTER-MTG_V01 Datasheet
269Kb / 3P
Printmount Switch Short Stroke 12.7 mm
04.01.2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com