Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAL Datasheet (PDF) - Stackpole Electronics, Inc.

Part # KAL
Description  Aluminum Housed Chassis Mount Resistor
File Size   338.85 Kbytes
Html View  1   2   3   4   5 
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

KAL Datasheet (PDF) - Stackpole Electronics, Inc.



Similar Part No. - KAL

ManufacturerPart #DatasheetDescription
logo
Kepont Electronics, Inc...
KAL-D06 KEPONT-KAL-D06 Datasheet
352Kb / 3P
Miniature, Low Cost, LCD,8 Digit Electronic Counter
09/10/14
KAL-D06AC/DC KEPONT-KAL-D06AC/DC Datasheet
352Kb / 3P
Miniature, Low Cost, LCD,8 Digit Electronic Counter
09/10/14
KAL-DQUAD06 KEPONT-KAL-DQUAD06 Datasheet
352Kb / 3P
Miniature, Low Cost, LCD,8 Digit Electronic Counter
09/10/14
logo
Kyocera Kinseki Corpota...
KAL02CCG1E103AH KSS-KAL02CCG1E103AH Datasheet
430Kb / 3P
0201 6.3 V X7T 1uF ±10%
16.02.2023
KAL02CCG1E103AM KSS-KAL02CCG1E103AM Datasheet
430Kb / 3P
0201 6.3 V X7T 1uF ±10%
16.02.2023
More results


Similar Description - KAL

ManufacturerPart #DatasheetDescription
logo
RFE international
NRHA250W-10R-J RFE-NRHA250W-10R-J Datasheet
95Kb / 1P
POWER RESISTORS RHA Series: Aluminum Housed Resistor
logo
List of Unclassifed Man...
KALSERIES ETC-KALSERIES Datasheet
285Kb / 3P
Aluminum Housed Surface Mount Resistor
logo
Vishay Siliconix
RH050270R0FE02 VISHAY-RH050270R0FE02 Datasheet
198Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
22-Jun-12
logo
List of Unclassifed Man...
MC14730 ETC2-MC14730 Datasheet
281Kb / 1P
RoHS Compliant Chassis Mount Aluminum Hosed Resistor
logo
Vishay Siliconix
RH025R2000 VISHAY-RH025R2000 Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
23-May-13
TMC VISHAY-TMC Datasheet
196Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
23-Jun-16
logo
Stackpole Electronics, ...
LVM SEI-LVM Datasheet
250Kb / 4P
Ceramic Housed Vertical Mount Resistor
11/30/2020
MVM SEI-MVM Datasheet
255Kb / 4P
Ceramic Housed Vertical Mount Resistor
3/16/2021
logo
Vishay Siliconix
VACR VISHAY-VACR_V01 Datasheet
124Kb / 5P
Aluminum Housed Compact Wirewound Resistor
08-May-14
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com