Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBX-3319DS-VTM Datasheet (PDF) - CommScope Inc.

Part # HBX-3319DS-VTM
Description  2-port sector antenna, 2x 1710–2180 MHz, 33° HPBW, RET compatible
File Size   367.6 Kbytes
Html View  1   2   3   4 
Manufacturer  COMMSCOPE [CommScope Inc.]
Direct Link  https://www.commscope.com/
Logo COMMSCOPE - CommScope Inc.

HBX-3319DS-VTM Datasheet (PDF) - CommScope Inc.



Similar Part No. - HBX-3319DS-VTM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HBX-110-6500 ETC2-HBX-110-6500 Datasheet
472Kb / 9P
LED High Bay Lamp
logo
P-tec Corporation
HBX-2071 P-TEC-HBX-2071 Datasheet
704Kb / 5P
LED globe lamp, 60W incandescent equivalent
More results


Similar Description - HBX-3319DS-VTM

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-2823591-1 MACOM-1-2823591-1 Datasheet
216Kb / 1P
TRANSIT ANTENNA MiMo Without GPS,2X 698-960/1710-6000 MHz
1-2823592-1 MACOM-1-2823592-1 Datasheet
240Kb / 1P
TRANSIT ANTENNA MiMo with GPS/GNSS,2X 698-960/1710-6000 MHZ
logo
CommScope Inc.
R2V4PX310R COMMSCOPE-R2V4PX310R Datasheet
528Kb / 3P
12-port sector antenna, 4x 698–960 and 8x 1710–2690 MHz, 65° HPBW, 6x RET with manual override. Bands cascaded SRET (Antenna 1 and Antenna 2).
February 8, 2020
SBNH-1D65B COMMSCOPE-SBNH-1D65B Datasheet
613Kb / 4P
4-port sector antenna, 2x 698-896 and 2x 1710-2360 MHz, 65° HPBW, 2x RET
June 2, 2019
logo
KATHREIN Solutions GmbH
80010753 KATHREIN-80010753 Datasheet
431Kb / 3P
2-Port Antenna Frequency Range Dual Polarization HPBW Fixed Electr. DT Integrated Combiner
logo
CommScope Inc.
HBXX-3319DS-VTM COMMSCOPE-HBXX-3319DS-VTM Datasheet
378Kb / 3P
4-port sector antenna, 4x 1710–2180 MHz, 33° HPBW, RET compatible
July 28, 2022
CVVPX306R3 COMMSCOPE-CVVPX306R3 Datasheet
657Kb / 4P
6-port sector antenna, 2x 790–960 and 4x 1710–2690 MHz, 65° HPBW, 3x RET with manual override
July 15, 2019
NNNOX310R COMMSCOPE-NNNOX310R Datasheet
231Kb / 2P
Tri-sector Antenna, 3x 1710-2170 MHz, 65° horizontal beamwidth, RET compatible
November 15, 2016
RRZZHHTT-65B-R7N43 COMMSCOPE-RRZZHHTT-65B-R7N43 Datasheet
1Mb / 5P
16-port sector antenna, 4x 694–960, 4x 1427–2690, 4x 1695-2180 and 4x 2490-2690 MHz, 65° HPBW, 7x RET
Revised: August 29, 2022
logo
KATHREIN Solutions GmbH
80010761 KATHREIN-80010761 Datasheet
105Kb / 2P
2-Port Antenna Frequency Range Dual Polarization HPBW Fixed Electr. DT
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com