Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMJD015N06CL Datasheet (PDF) - ON Semiconductor

Part # NVMJD015N06CL
Description  MOSFET - Power, Dual N-Channel 60 V, 14.4 m, 35 A
File Size   255.65 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMJD015N06CL Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMJD015N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMJD015N06CL ONSEMI-NVMJD015N06CL Datasheet
256Kb / 6P
MOSFET - Power, Dual N-Channel 60 V, 14.4 m, 35 A
August, 2022 - Rev. 1
NVMJD015N06CLTWG ONSEMI-NVMJD015N06CLTWG Datasheet
256Kb / 6P
MOSFET - Power, Dual N-Channel 60 V, 14.4 m, 35 A
August, 2022 - Rev. 1
More results


Similar Description - NVMJD015N06CL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9K35-60E PHILIPS-BUK9K35-60E_15 Datasheet
253Kb / 13P
Dual N-channel 60 V, 35 m廓 logic level MOSFET
12 November 2014
logo
Nexperia B.V. All right...
BUK9K35-60E NEXPERIA-BUK9K35-60E Datasheet
738Kb / 13P
Dual N-channel 60 V, 35 m廓 logic level MOSFET
logo
ON Semiconductor
NTMFD5C674NL ONSEMI-NTMFD5C674NL Datasheet
369Kb / 7P
MOSFET ??Dual, N-Channel 60 V, 14.4 m, 42 A
May, 2019 ??Rev. P3
NTMFD5C680NL ONSEMI-NTMFD5C680NL Datasheet
362Kb / 7P
MOSFET ??Power, Dual, N-Channel 60 V, 28 m, 26 A
May, 2019 ??Rev. P3
NTTFS012N10MD ONSEMI-NTTFS012N10MD Datasheet
267Kb / 8P
MOSFET ??Power, Single N-Channel 100 V, 14.4 m, 45 A
June, 2021 ??Rev. 1
NVMFD5C672NL ONSEMI-NVMFD5C672NL Datasheet
231Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 11.9 m, 40 A
June, 2020 ??Rev. 3
NVMFD5C674NL ONSEMI-NVMFD5C674NL Datasheet
372Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 14.4 m, 42 A
December, 2020-Rev. P4
NVMFD5C680NL ONSEMI-NVMFD5C680NL Datasheet
364Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 28 m, 26 A
March, 2021-Rev. 2
NVLJWD040N06CL ONSEMI-NVLJWD040N06CL Datasheet
138Kb / 7P
MOSFET - Power, Dual N-Channel 60 V, 38 m, 18 A
July, 2022 - Rev. 1
NVMJD015N06CL ONSEMI-NVMJD015N06CL Datasheet
256Kb / 6P
MOSFET - Power, Dual N-Channel 60 V, 14.4 m, 35 A
August, 2022 - Rev. 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com