Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTF6P02 Datasheet (PDF) - ON Semiconductor

Part # NTF6P02
Description  MOSFET – Power, P-Channel, SOT-223 -10 A, -20 V
File Size   212.98 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTF6P02 Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTF6P02_V01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTF6P02T3 ONSEMI-NTF6P02T3 Datasheet
71Kb / 8P
Power MOSFET -6.0 Amps, -20 Volts P-Channel SOT-223
September, 2002 ??Rev. 0
NTF6P02T3 ONSEMI-NTF6P02T3 Datasheet
142Kb / 6P
Power MOSFET -6.0 Amps, -20 Volts
March, 2006 ??Rev. 1
NTF6P02T3 ONSEMI-NTF6P02T3 Datasheet
143Kb / 6P
Power MOSFET -10 Amps, -20 Volts P?묬hannel SOT??23
January, 2010 ??Rev. 3
NTF6P02T3-D ONSEMI-NTF6P02T3-D Datasheet
143Kb / 6P
Power MOSFET -10 Amps, -20 Volts P?묬hannel SOT??23
January, 2010 ??Rev. 3
NTF6P02T3-D ONSEMI-NTF6P02T3-D_10 Datasheet
143Kb / 6P
Power MOSFET -10 Amps, -20 Volts P?묬hannel SOT??23
January, 2010 ??Rev. 3
More results


Similar Description - NTF6P02_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN3PF06 STMICROELECTRONICS-STN3PF06 Datasheet
118Kb / 6P
P-CHANNEL 60V - 0.18ohm - 3A SOT-223 STripFET™ II POWER MOSFET
Jan-2001
logo
ON Semiconductor
NTR4101P ONSEMI-NTR4101P Datasheet
56Kb / 6P
Trench Power MOSFET -20 V, Single P-Channel, SOT-23
October, 2004 ??Rev. 3
NTF6P02T3 ONSEMI-NTF6P02T3 Datasheet
71Kb / 8P
Power MOSFET -6.0 Amps, -20 Volts P-Channel SOT-223
September, 2002 ??Rev. 0
NTR1P02LT1 ONSEMI-NTR1P02LT1_06 Datasheet
124Kb / 5P
Power MOSFET -20 V, -1.3 A, P-Channel SOT-23 Package
May, 2006 ??Rev. 8
logo
STMicroelectronics
STN3PF06 STMICROELECTRONICS-STN3PF06_08 Datasheet
253Kb / 12P
P-channel 60 V - 0.20 Ω - 2.5 A - SOT-223 STripFET??II Power MOSFET
27-Mar-2008
STN3P6F6 STMICROELECTRONICS-STN3P6F6 Datasheet
1Mb / 12P
P-channel 60 V, 0.13 Ω typ., 3 A STripFET™VI DeepGATE??Power MOSFET in a SOT-223 package
14-Mar-2013
logo
ON Semiconductor
BVSS84LT1G ONSEMI-BVSS84LT1G Datasheet
105Kb / 4P
Power MOSFET Single P-Channel SOT-23 -50 V, 10 
October, 2012 ??Rev. 8
logo
STMicroelectronics
STN3N40K3 STMICROELECTRONICS-STN3N40K3 Datasheet
847Kb / 13P
N-channel 400 V, 3 Ω, 1.8 A SOT-223 SuperMESH3 Power MOSFET
08-Apr-2011
logo
ON Semiconductor
BSS84L ONSEMI-BSS84L Datasheet
190Kb / 5P
MOSFET - Power, Single P-Channel, SOT-23 -50 V, 10
December, 2020 ??Rev. 13
NTR4101P ONSEMI-NTR4101P_V01 Datasheet
219Kb / 6P
MOSFET – Power, Single P-Channel, Trench, SOT-23 -20 V
June, 2019 - Rev. 12
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com