Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

112724 Datasheet (PDF) - Amphenol RF.

Part # 112724
Description  BNC ClAMP PLUG (FOR RG-212/U)
File Size   47.87 Kbytes
Html View  1 
Manufacturer  RF [Amphenol RF.]
Direct Link  https://www.amphenolrf.com/
Logo RF - Amphenol RF.

112724 Datasheet (PDF) - Amphenol RF.



Similar Part No. - 112724

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
11272 ATOM-11272 Datasheet
135Kb / 1P
AT9303
31st of January 2025 07:11:18
logo
Lapp.
11272000 LAPP-11272000 Datasheet
173Kb / 2P
EPIC® H-D 64 SCM / H-D 64 BCM machined
17.09.2018
More results


Similar Description - 112724

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6703A POMONA-6703A Datasheet
62Kb / 2P
HDTV, 75 Ohm BNC Connector for RG-6/U
logo
Amphenol Corporation
C031-70331 AMPHENOL-C031-70331 Datasheet
43Kb / 1P
MINI BNC CRIMP JACK (FOR RG-316/U, 174/U, 188A/U CABLE)
C031-70335 AMPHENOL-C031-70335 Datasheet
44Kb / 1P
MINI BNC CRIMP PLUG (FOR RG-316/U, 174/U, 188A/U CABLE)
logo
Amphenol RF.
112132-12 RF-112132-12 Datasheet
111Kb / 1P
BNC CRIMP PLUG FOR (RG-174/U, 188/U,316/U CABLE)
16-May-11
112234-13 RF-112234-13 Datasheet
73Kb / 1P
BNC BULKHEAD CRIMP JACK (FOR RG-174/U,188A/U,316/U)
07/14/10
112526T RF-112526T Datasheet
36Kb / 1P
BNC R/A CRIMP PLUG (FOR RG-223/U, 55/U, 142A/U, 400/U)
12/11/07
15875 RF-15875 Datasheet
149Kb / 1P
BNC CRIMP PLUG FOR .070"-.092" RG-161/U, 178/U CABLE
07-May-21
31-320-RFX RF-31-320-RFX Datasheet
148Kb / 1P
bnC CRIMP PLUG FOR RG-142A/U, 400/U CABLE, 50OHM
11-Jul-16
36775 RF-36775 Datasheet
92Kb / 1P
BNC PLUG QUICK CRIMP (FOR RG-58/U, 141/U CABLE)
27-Dec-10
69475 RF-69475 Datasheet
162Kb / 1P
IMPROVED BNC STR PLUG FOR RG 188/U CABLE
22-Apr-15
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com