Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

112757 Datasheet (PDF) - Amphenol RF.

Part # 112757
Description  BNC BULKHEAD CRIMP JACK - FRONT MOUNT (FOR RG-196A/U CABLE)
File Size   44.7 Kbytes
Html View  1 
Manufacturer  RF [Amphenol RF.]
Direct Link  https://www.amphenolrf.com/
Logo RF - Amphenol RF.

112757 Datasheet (PDF) - Amphenol RF.



Similar Part No. - 112757

ManufacturerPart #DatasheetDescription
logo
Amphenol RF.
112750 RF-112750 Datasheet
68Kb / 1P
BNC BULKHEAD CRIMP JACK (FOR 1.13mm CABLE)
03/31/09
112751 RF-112751 Datasheet
59Kb / 1P
BNC PLUG FOR 1.32MM AMC CABLE
07/03/09
112754 RF-112754 Datasheet
212Kb / 1P
BNC PLUG FOR 1.37MM AMC CABLE
01/07/10
112756 RF-112756 Datasheet
247Kb / 1P
BNC BULKHEAD CRIMP JACK (FOR 1.37mm CABLE)
01/07/10
More results


Similar Description - 112757

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C031-70331 AMPHENOL-C031-70331 Datasheet
43Kb / 1P
MINI BNC CRIMP JACK (FOR RG-316/U, 174/U, 188A/U CABLE)
C031-70332 AMPHENOL-C031-70332 Datasheet
48Kb / 1P
MINI BNC BULKHEAD CRIMP JACK (FOR RG-179/U, 187A/U CABLE)
logo
Molex Electronics Ltd.
73100-0002 MOLEX11-73100-0002 Datasheet
34Kb / 1P
75 Ohms, BNC Bulkhead Jack, Crimp/Crimp, RG-59 and RG-62 Cable
0731000001 MOLEX11-0731000001 Datasheet
65Kb / 1P
50 Ohms, BNC Bulkhead Jack, Crimp/Crimp, RG-141, RG-303 and RG-58 Cable
0731000002 MOLEX11-0731000002 Datasheet
65Kb / 1P
75 Ohms, BNC Bulkhead Jack, Crimp/Crimp, RG-59 and RG-62 Cable
0731000001 MOLEX-0731000001_V01 Datasheet
58Kb / 1P
50 Ohms, BNC Bulkhead Jack, Crimp/Crimp, RG-141, RG-303 and RG-58 Cable
0731000002 MOLEX-0731000002_V01 Datasheet
58Kb / 1P
75 Ohms, BNC Bulkhead Jack, Crimp/Crimp, RG-59 and RG-62 Cable
logo
Amphenol RF.
31-6843-BC RF-31-6843-BC Datasheet
139Kb / 1P
BNC STR BHD JACK RG-178B/U, 196A/U CABLE BLACK PLATED
Rev. A
112234-13 RF-112234-13 Datasheet
73Kb / 1P
BNC BULKHEAD CRIMP JACK (FOR RG-174/U,188A/U,316/U)
07/14/10
112634 RF-112634 Datasheet
47Kb / 1P
BNC BULKHEAD CRIMP JACK (FOR 316/U, DOUBLE BRAID CABLE)
11/25/07
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com