Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

152240-0003GG Datasheet (PDF) - 3M Electronics

Part # 152240-0003GG
Description  2mm X 2mm Wiremount Socket
File Size   70.85 Kbytes
Html View  1   2   3 
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

152240-0003GG Datasheet (PDF) - 3M Electronics



Similar Part No. - 152240-0003GG

ManufacturerPart #DatasheetDescription
logo
3M Electronics
152240-0003GG 3M-152240-0003GG Datasheet
1Mb / 4P
Pak 20 Wiremount Socket - 2 mm × 2 mm for 1 mm Pitch Cable
15-Apr-2010
More results


Similar Description - 152240-0003GG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
Dual, 150mA uCap LDO in 2mm x 2mm MLF
logo
3M Electronics
3490-5 3M-3490-5 Datasheet
20Kb / 1P
100 X 100, Wiremount Socket
logo
Micrel Semiconductor
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330 MICREL-MIC5330_11 Datasheet
385Kb / 10P
Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5310 MICREL-MIC5310_11 Datasheet
372Kb / 11P
Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
logo
3M Electronics
3448-3050 3M-3448-3050 Datasheet
392Kb / 4P
.100 x .100 Wiremount Socket
03-Apr-2013
logo
Samtec, Inc
LS2-105-01-F-D-RA2 SAMTEC-LS2-105-01-F-D-RA2 Datasheet
291Kb / 4P
2mm TERMINAL/SOCKET COMBO
logo
LUMEX INC.
SSL-LX2573ID-WS LUMEX-SSL-LX2573ID-WS Datasheet
52Kb / 1P
2mm X 5mm RECTANGULAR
SSL-LX2573PGD LUMEX-SSL-LX2573PGD Datasheet
51Kb / 1P
2mm X 5mm RECTANGULAR
logo
MMD Components
TF206 MMD-TF206 Datasheet
69Kb / 2P
2mm X 6mm Cylindrical
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com