Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOGF20D65L1L Datasheet (PDF) - Alpha & Omega Semiconductors

Part # AOGF20D65L1L
Description  650V, 20A FRD Soft and Fast Recovery Diode
File Size   633.41 Kbytes
Html View  1   2   3   4   5 
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOGF20D65L1L Datasheet (PDF) - Alpha & Omega Semiconductors



Similar Part No. - AOGF20D65L1L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOGF20D65L1L ISC-AOGF20D65L1L Datasheet
351Kb / 2P
Soft and Fast Recovery Diode
More results


Similar Description - AOGF20D65L1L

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MUR2020CT LUGUANG-MUR2020CT Datasheet
2Mb / 4P
Super-Fast Recovery Diodes 20A FRD Pt
Revision:20170701-P1
MUR2060CT LUGUANG-MUR2060CT Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 20A FRD Pt
Revision:20170701-P1
MURH2020 LUGUANG-MURH2020 Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 20A FRD Pt
Revision:20170701-P1
UF2060CT LUGUANG-UF2060CT Datasheet
2Mb / 4P
Ultra-Fast Recovery Diodes 20A FRD Pt
Revision:20170701-P1
logo
Rohm
SH2104WN ROHM-SH2104WN Datasheet
1Mb / 4P
650V 20A Fast Recovery Diode
2022.10 - Rev.A
logo
Alpha & Omega Semicondu...
AOGF30D65L1L AOSMD-AOGF30D65L1L Datasheet
515Kb / 5P
650V, 30A FRD Soft and Fast Recovery Diode
Rev.1.0 March 2022
AOGF40D65L1L AOSMD-AOGF40D65L1L Datasheet
518Kb / 5P
650V, 40A FRD Soft and Fast Recovery Diode
Rev.1.0 March 2022
logo
Shenzhen Luguang Electr...
MUR2020 LUGUANG-MUR2020 Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 20A FRD Pt
Revision:20220701-P1
MUR2060 LUGUANG-MUR2060 Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 20A FRD Pt
Revision:20220701-P1
MUR2060FCT LUGUANG-MUR2060FCT Datasheet
1Mb / 4P
Ultra-Fast Recovery Diodes 20A FRD Pt
Revision:20220701-P1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com