Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOGF30D65L1L Datasheet (PDF) - Alpha & Omega Semiconductors

Part # AOGF30D65L1L
Description  650V, 30A FRD Soft and Fast Recovery Diode
File Size   515.75 Kbytes
Html View  1   2   3   4   5 
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOGF30D65L1L Datasheet (PDF) - Alpha & Omega Semiconductors



Similar Part No. - AOGF30D65L1L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOGF30D65L1L ISC-AOGF30D65L1L Datasheet
352Kb / 2P
Soft and Fast Recovery Diode
More results


Similar Description - AOGF30D65L1L

ManufacturerPart #DatasheetDescription
logo
Rohm
MH2101WZ ROHM-MH2101WZ Datasheet
234Kb / 3P
650V 30A Fast Recovery Diode
2019.08 - Rev.A
logo
Alpha & Omega Semicondu...
AOGF20D65L1L AOSMD-AOGF20D65L1L Datasheet
633Kb / 5P
650V, 20A FRD Soft and Fast Recovery Diode
Rev.1.0 December 2021
AOGF40D65L1L AOSMD-AOGF40D65L1L Datasheet
518Kb / 5P
650V, 40A FRD Soft and Fast Recovery Diode
Rev.1.0 March 2022
AOGF60B65H2AL AOSMD-AOGF60B65H2AL Datasheet
572Kb / 8P
650V, 60A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.1.1 October 2021
AOK40B65HQ1 AOSMD-AOK40B65HQ1 Datasheet
539Kb / 9P
650V, 40A AlphaIGBTTM With soft and fast recovery anti-parallel diode
Rev.1.0: October 2019
AOK40B65HQ3 AOSMD-AOK40B65HQ3 Datasheet
523Kb / 8P
650V, 40A AlphaIGBTTM With soft and fast recovery anti-parallel diode
Rev.1.0: March 2020
AOT10B65MQ2 AOSMD-AOT10B65MQ2 Datasheet
546Kb / 8P
650V, 10A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.1.0 December 2019
AOTF8B65MQ1 AOSMD-AOTF8B65MQ1 Datasheet
660Kb / 8P
650V, 8A AlphaIGBTTM With Soft and Fast Recovery Anti-Parallel Diode
Rev.2.0 January 2021
logo
Shenzhen Luguang Electr...
MTSR30120 LUGUANG-MTSR30120 Datasheet
1Mb / 4P
Super-Fast Recovery Diodes 30A FRD Pt
Revision:20170701-P1
MTSR3060 LUGUANG-MTSR3060 Datasheet
1Mb / 3P
Super-Fast Recovery Diodes 30A FRD Pt
Revision:20170701-P1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com