Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV112 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV112
Description  40 MHz Dual Clock Buffer
File Size   975.5 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV112 Datasheet (PDF) - National Semiconductor (TI)



Similar Part No. - LMV112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV112 TI-LMV112 Datasheet
1Mb / 22P
Small Signal Bandwidth 40 MHz, Supply Voltage Range 2.4V to 5V
LMV112 TI1-LMV112 Datasheet
1Mb / 19P
40 MHz Dual Clock Buffer
LMV112 TI2-LMV112 Datasheet
952Kb / 23P
LMV112 40 MHz Dual Clock Buffer
REVISED MAY 2013
LMV112SD TI1-LMV112SD Datasheet
1Mb / 19P
40 MHz Dual Clock Buffer
LMV112SD/NOPB TI1-LMV112SD/NOPB Datasheet
1Mb / 19P
40 MHz Dual Clock Buffer
More results


Similar Description - LMV112

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28358 SPECTRALINEAR-CY28358 Datasheet
135Kb / 10P
200-MHz Differential Clock Buffer/Driver
logo
National Semiconductor ...
LMH2180 NSC-LMH2180 Datasheet
505Kb / 16P
75 MHz Dual Clock Buffer
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
logo
Texas Instruments
LMK01801 TI1-LMK01801 Datasheet
488Kb / 39P
Dual Clock Divider Buffer
LMH2180SDE TI1-LMH2180SDE Datasheet
512Kb / 18P
LMH2180 75 MHz Dual Clock Buffer
logo
NXP Semiconductors
PCK2002PLPWDH-T NXP-PCK2002PLPWDH-T Datasheet
58Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
logo
Texas Instruments
LMH2180 TI1-LMH2180_14 Datasheet
1Mb / 22P
75 MHz Dual Clock Buffer
LMV112 TI1-LMV112_14 Datasheet
1Mb / 19P
40 MHz Dual Clock Buffer
LMH2180 TI1-LMH2180 Datasheet
1Mb / 24P
75 MHz Dual Clock Buffer
LMK01801 TI1-LMK01801_15 Datasheet
1Mb / 51P
Dual Clock Divider Buffer
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com