Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1005621 Datasheet (PDF) - AVX Corporation

Part # 1005621
Description  GPS L1 & L5 Ceramic PatchAntenna
File Size   684.85 Kbytes
Html View  1   2   3   4   5 
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

1005621 Datasheet (PDF) - AVX Corporation



Similar Part No. - 1005621

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1005620 AVX-1005620 Datasheet
776Kb / 5P
GPS L1 & L5 Ceramic Patch Antenna
5/12/2022
More results


Similar Description - 1005621

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP612070095A TAOGLAS-FXP612070095A Datasheet
850Kb / 14P
FXP612 Flexible Polymer GPS L1 / GPS L2 / GPS L5 / GALILEO / GLONASS G1 / BEIDOU Antenna
logo
MTRONPTI
CF9735R MTRONPTI-CF9735R Datasheet
200Kb / 2P
Specification for 1572.42MHz GPS L1 Ceramic
CF9736R MTRONPTI-CF9736R Datasheet
215Kb / 2P
Specification for 1572.42MHz GPS L1 Ceramic
logo
Tallysman Wireless Inc.
TW8825 TALLYSMAN-TW8825 Datasheet
159Kb / 2P
TW8825 GPS L1/L5 GLONASS G1 BeiDou B1 Galileo E1/E5a
logo
Molex Electronics Ltd.
2116240001 MOLEX-2116240001 Datasheet
39Kb / 1P
GPS L1/L5 and Glonass 36.00mm Stacked Patch Single Feed Antenna
2122030001 MOLEX-2122030001 Datasheet
41Kb / 1P
GPS L1/L5 25.00mm Stacked Patch Antenna
logo
Maxtena Inc.
MEA-1400-MM MAXTENA-MEA-1400-MM Datasheet
1Mb / 3P
GNSS/L1/L5 Magnetic Mount
REV A
MPA-258-L1-L5 MAXTENA-MPA-258-L1-L5 Datasheet
1Mb / 3P
GPS L1 L5 MICROSTRIP ANTENNA
REV A
logo
AVX Corporation
1005620 AVX-1005620 Datasheet
776Kb / 5P
GPS L1 & L5 Ceramic Patch Antenna
5/12/2022
M830120 AVX-M830120 Datasheet
982Kb / 9P
GNSS or GPS L1/L2/L5/L6 Ceramic Antenna
3/31/2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com