Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACR1004U-EVB Datasheet (PDF) - Abracon Corporation

Part # ACR1004U-EVB
Description  Evaluation Board - UWB (3 GHZ ~ 6 GHZ) - CHIP ANTENNA
File Size   456.32 Kbytes
Html View  1   2   3 
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACR1004U-EVB Datasheet (PDF) - Abracon Corporation



Similar Part No. - ACR1004U-EVB

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACR1004A-EVB ABRACON-ACR1004A-EVB Datasheet
1,021Kb / 3P
Evaluation Board - WiFi 6E Chip Antenna
10-13-21
ACR1004GC-EVB ABRACON-ACR1004GC-EVB Datasheet
726Kb / 3P
Evaluation Board - GNSS GPS L5 Chip Antenna
10-13-21
More results


Similar Description - ACR1004U-EVB

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450AT44A100 JOHANSON-2450AT44A100 Datasheet
305Kb / 3P
2.45 GHz Chip Antenna
3100AT51A7200 JOHANSON-3100AT51A7200 Datasheet
369Kb / 4P
Ultra Wide Band (UWB) Chip Antenna 3.1 -10.3 GHz
5500BL15U0100 JOHANSON-5500BL15U0100 Datasheet
121Kb / 2P
UWB Balun (3 - 8 GHz)
logo
Abracon Corporation
ACAG0201-2450-EVB ABRACON-ACAG0201-2450-EVB Datasheet
1Mb / 4P
2.4 GHz Ceramic Chip Antenna Evaluation Board
09-19-19
ACAG0301-5500-EVB ABRACON-ACAG0301-5500-EVB Datasheet
1Mb / 4P
5.5 GHz Ceramic Chip Antenna Evalution Board
08-14-19
ACAR3705-SB-EVB ABRACON-ACAR3705-SB-EVB Datasheet
1,016Kb / 4P
LPWA/ Sub-GHz Cellular Ceramic Chip Antenna Evaluation Board
09-2-19
ACG0301U ABRACON-ACG0301U Datasheet
1Mb / 12P
UWB: 6.2 – 8.2 GHz Chip Antenna
09-23-22
ACG0502U ABRACON-ACG0502U Datasheet
917Kb / 11P
UWB: 3.7 – 4.2 GHz Chip Antenna
09-21-22
ACG0806U ABRACON-ACG0806U Datasheet
1Mb / 14P
UWB: 3.3 – 7.2 GHz Chip Antenna
09-23-22
ACR0301U-EVB ABRACON-ACR0301U-EVB Datasheet
414Kb / 3P
Evaluation Board - 6.24 ~ 8.50 GHz UWB - Chip Antenna
09-15-21
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com