Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1F10 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

Part # D1F10
Description  Rectifier Diode 600V 1A
File Size   198.91 Kbytes
Html View  1   2 
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D1F10 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd



Similar Part No. - D1F10

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1F20 SHINDENGEN-D1F20 Datasheet
334Kb / 6P
General Purpose Rectifiers Single(200V 1A)
D1F60 SHINDENGEN-D1F60 Datasheet
322Kb / 6P
General Purpose Rectifiers(600V 1A)
logo
Shenzhen Taychipst Elec...
D1F60 TAYCHIPST-D1F60 Datasheet
1Mb / 2P
General Purpose Rectifiers
logo
Guangdong Kexin Industr...
D1F60 KEXIN-D1F60 Datasheet
1Mb / 2P
Rectifiers Diodes
logo
Shindengen Electric Mfg...
D1F60 SHINDENGEN-D1F60 Datasheet
652Kb / 6P
General Rectifying Diodes 600V, 1.0A
Rev.02 2020.06
More results


Similar Description - D1F10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHR1K160 INTERSIL-RHR1K160 Datasheet
113Kb / 8P
1A, 600V Hyperfast Diode
January 2000
RHR1K160D INTERSIL-RHR1K160D Datasheet
123Kb / 9P
1A, 600V Hyperfast Dual Diode
January 2000
logo
Nihon Inter Electronics...
10DDA60 NIEC-10DDA60 Datasheet
93Kb / 5P
DIODE - 1A 600V TJ = 150C
10EDA60 NIEC-10EDA60 Datasheet
34Kb / 5P
DIODE - 1A 600V TJ = 150C
10EDB60 NIEC-10EDB60 Datasheet
36Kb / 5P
DIODE - 1A 600V TJ =150C
10JDA60 NIEC-10JDA60 Datasheet
40Kb / 5P
DIODE - 1A 600V TJ = 150C
logo
Shindengen Electric Mfg...
D1F60-5063 SHINDENGEN-D1F60-5063 Datasheet
383Kb / 3P
600V 1A
logo
T&S Brass. All Rights R...
S1GMH TS-S1GMH Datasheet
567Kb / 6P
1A, 400V - 600V Standard Surface Mount Rectifier
logo
AiT Semiconductor Inc.
ES1AW AITSEMI-ES1AW Datasheet
309Kb / 6P
RECTIFIER DIODE REVERSE VOLTAGE 50V TO 600V FORWARD CURRENT 1A
REV1.0
logo
Silicon Supplies
1N4005 SS-1N4005 Datasheet
283Kb / 2P
600V 1A Standard Rectifier
Rev 1.0 25/08/23
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com