Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

131A00319A Datasheet (PDF) - CONEC Elektronische Bauelemente GmbH

Part # 131A00319A
Description  HIGH POWER CONTACT MALE PRESSFIT VERSION 30A D-SUB COMBINATION
File Size   172.27 Kbytes
Html View  1 
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

131A00319A Datasheet (PDF) - CONEC Elektronische Bauelemente GmbH



Similar Part No. - 131A00319A

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
131A-303A VCC-131A-303A Datasheet
111Kb / 1P
Midget Flange Relampable Indicator Lights
131A-303C VCC-131A-303C Datasheet
111Kb / 1P
Midget Flange Relampable Indicator Lights
131A-303G VCC-131A-303G Datasheet
111Kb / 1P
Midget Flange Relampable Indicator Lights
131A-303R VCC-131A-303R Datasheet
111Kb / 1P
Midget Flange Relampable Indicator Lights
131A-304G VCC-131A-304G Datasheet
111Kb / 1P
Midget Flange Relampable Indicator Lights
More results


Similar Description - 131A00319A

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
131A16039X CONEC-131A16039X Datasheet
95Kb / 1P
HIGH POWER CONTACT MALE CRIMP / SOLDER VERSION 90° - 30A D-SUB COMBINATION
03.08.10
131C00389A CONEC-131C00389A Datasheet
43Kb / 1P
HIGH POWER CONTACT MALE PRESSFIT VERSION 30A D-SUB COMBINA TION
29.11.2001
131C11139X CONEC-131C11139X Datasheet
186Kb / 1P
HIGH POWER CONTACT MALE CRIMP VERSION 30A D-SUB COMBINATION
10.11.14
131C16039X CONEC-131C16039X Datasheet
49Kb / 1P
HIGH POWER CONTACT MALE CRIMP / SOLDER VERSION 90º - 30A D-SUB COMBINATION
26.07.2002
131C16139X CONEC-131C16139X Datasheet
96Kb / 1P
HIGH POWER CONTACT MALE CRIMP / SOLDER VERSION 90° - 30A D-SUB COMBINATION PREMATING
03.08.10
131C19019X CONEC-131C19019X Datasheet
67Kb / 1P
HIGH POWER CONTACT MALE PRESSFIT VERSION 30A D-SUB COMBINATION
30.10.2003
132A11039X CONEC-132A11039X Datasheet
165Kb / 1P
HIGH POWER CONTACT FEMALE CRIMP VERSION 30A D-SUB COMBINATION
23.03.98
132C00229A CONEC-132C00229A Datasheet
167Kb / 1P
HIGH POWER CONTACT FEMALE PRESSFIT VERSION 30A D-SUB COMBINATION
29.04.2014
132C00299A CONEC-132C00299A Datasheet
42Kb / 1P
HIGH POWER CONTACT FEMALE PRESSFIT VERSION 30A D-SUB COMBINATION
29.11.2001
132C19019X CONEC-132C19019X Datasheet
67Kb / 1P
HIGH POWER CONTACT FEMALE PRESSFIT VERSION 30A D-SUB COMBINATION
30.10.2003
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com