Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC5152 Datasheet (PDF) - NEC

Part # MC5152
Description  HYBRID IC AMPLIFIER
File Size   298.83 Kbytes
Html View  1   2 
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC5152 Datasheet (PDF) - NEC



Similar Part No. - MC5152

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
MC51008-10 FAIRVIEW-MC51008-10 Datasheet
616Kb / 3P
SMA Directional Coupler 10 dB Coupled Port From 5 MHz to 1,000 MHz Rated To 1 Watts
REV 4.3A
MC51008-20 FAIRVIEW-MC51008-20 Datasheet
473Kb / 3P
SMA Directional Coupler 20 dB Coupled Port From 5 MHz to 1,000 MHz Rated To 3 Watts
REV 4.2A
MC51008-30 FAIRVIEW-MC51008-30 Datasheet
474Kb / 3P
SMA Directional Coupler 30 dB Coupled Port From 5 MHz to 1,000 MHz Rated To 3 Watts
REV 4.1A
logo
Multicomp Pro
MC514-1010 MULTICOMP-MC514-1010 Datasheet
179Kb / 1P
SMA End Launch Jack
08/09/20 V1.0
More results


Similar Description - MC5152

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK0029 ETC-STK0029 Datasheet
18Kb / 1P
HYBRID LINEAR IC
STK080 ETC-STK080 Datasheet
145Kb / 1P
THICK FILM HYBRID IC
logo
Sanyo Semicon Device
STK760-221A-E SANYO-STK760-221A-E Datasheet
163Kb / 9P
Thick-Film Hybrid IC Single-phase Rectification PFC Hybrid IC
logo
KOA Speer Electronics, ...
KA7777D KOA-KA7777D Datasheet
61Kb / 1P
hybrid IC
logo
Sanken electric
LC5511D SANKEN-LC5511D Datasheet
379Kb / 9P
Hybrid IC
LC5513D SANKEN-LC5513D Datasheet
374Kb / 9P
Hybrid IC
LC5521D SANKEN-LC5521D Datasheet
379Kb / 9P
Hybrid IC
LC5523D SANKEN-LC5523D Datasheet
379Kb / 9P
Hybrid IC
LC5523F SANKEN-LC5523F Datasheet
394Kb / 11P
Hybrid IC
LC5525F SANKEN-LC5525F Datasheet
392Kb / 11P
Hybrid IC
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com