Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETMM Datasheet (PDF) - Samtec, Inc

Part # ETMM
Description  SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH
File Size   174.41 Kbytes
Html View  1 
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

ETMM Datasheet (PDF) - Samtec, Inc



Similar Part No. - ETMM

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ETMM SAMTEC-ETMM Datasheet
301Kb / 1P
TIGER EYE™ IDC SOCKET CABLE (2.00 mm) .0787" PITCH
ETMM SAMTEC-ETMM Datasheet
310Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH • ETMM/EHT/EC2 SERIES
ETMM-105-02-F-D-RA-FR SAMTEC-ETMM-105-02-F-D-RA-FR Datasheet
310Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH • ETMM/EHT/EC2 SERIES
ETMM-105-02-F-D-RA-K SAMTEC-ETMM-105-02-F-D-RA-K Datasheet
310Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH • ETMM/EHT/EC2 SERIES
ETMM-105-02-F-D-RA-LC SAMTEC-ETMM-105-02-F-D-RA-LC Datasheet
310Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH • ETMM/EHT/EC2 SERIES
More results


Similar Description - ETMM

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
EJH-110-02-L-D-TH SAMTEC-EJH-110-02-L-D-TH Datasheet
686Kb / 1P
SHROUDED IDC EJECTOR HEADERS
ZSS-112-09-S-D-1240 SAMTEC-ZSS-112-09-S-D-1240 Datasheet
706Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS
HTST-110-01-SM-DV SAMTEC-HTST-110-01-SM-DV Datasheet
433Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS
S2SD SAMTEC-S2SD Datasheet
308Kb / 1P
(2.00 mm) .0787" PITCH • CABLE ASSEMBLY/COMPONENTS
EJH SAMTEC-EJH Datasheet
198Kb / 1P
SHROUDED IDC EJECTOR HEADERS (2.54 mm) .100" PITCH • EJH SERIES
TCSD SAMTEC-TCSD Datasheet
301Kb / 1P
TIGER EYE™ IDC SOCKET CABLE (2.00 mm) .0787" PITCH
TST SAMTEC-TST Datasheet
255Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS (2.54 mm) .100" PITCH
2854182 SAMTEC-2854182 Datasheet
575Kb / 2P
(2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
S2M-125-01-L-D-DS SAMTEC-S2M-125-01-L-D-DS Datasheet
482Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (2.00 mm) .0787" PITCH
SQW SAMTEC-SQW Datasheet
240Kb / 1P
(2.00 mm) .0787" PITCH
Rev 17AUG21
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com