Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0227A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0227A
Description  SMD 5.0x3.2 40.0MHz Crystal Unit
File Size   235.65 Kbytes
Html View  1   2   3   4   5 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0227A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TZ0227A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0225A TAI-SAW-TZ0225A Datasheet
160Kb / 7P
Crystal Unit SMD 4.0x2.5 12MHz
REV. NO.: 6.0
TZ0226A TAI-SAW-TZ0226A Datasheet
226Kb / 5P
SMD 4.0x2.5 24.0MHz Crystal Unit
REV. NO.: 2
TZ0229A TAI-SAW-TZ0229A Datasheet
181Kb / 5P
SMD 5.0x3.2 13.0MHz Crystal Unit
REV. NO.: 3
More results


Similar Description - TZ0227A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0293A TAI-SAW-TZ0293A Datasheet
199Kb / 5P
SMD 5.0x3.2 40.0MHz Crystal Unit
REV. NO.: 4
TZ0309A TAI-SAW-TZ0309A Datasheet
218Kb / 5P
SMD 5.0x3.2 40.0MHz Crystal Unit
REV. NO.: 2
TZ0313A TAI-SAW-TZ0313A Datasheet
226Kb / 5P
SMD 4.0x2.5 40.0MHz Crystal Unit
REV. NO.: 3
TZ0376A TAI-SAW-TZ0376A Datasheet
218Kb / 5P
SMD 5.0x3.2 40.0MHz Crystal Unit
REV. NO.: 1
TZ0377A TAI-SAW-TZ0377A Datasheet
218Kb / 5P
SMD 5.0x3.2 40.0MHz Crystal Unit
REV. NO.: 1
TZ0398A TAI-SAW-TZ0398A Datasheet
218Kb / 5P
SMD 5.0x3.2 40.0MHz Crystal Unit
REV. NO.: 2
TZ0440A TAI-SAW-TZ0440A Datasheet
218Kb / 5P
SMD 5.0x3.2 40.0MHz Crystal Unit
REV. NO.: 2
TZ0654A TAI-SAW-TZ0654A Datasheet
189Kb / 5P
SMD 5.0x3.2 40.0MHz Crystal Unit
REV. NO.: 1
TZ1269C TAI-SAW-TZ1269C Datasheet
149Kb / 8P
Crystal Unit SMD 2.0x1.6 40.0MHz
REV. NO.: 1
TZ1327A TAI-SAW-TZ1327A Datasheet
177Kb / 8P
Crystal Unit SMD 2.0x1.6 40.0MHz
REV. NO.: 3.0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com