Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13529 Datasheet (PDF) - Belden Inc.

Part # 13529
Description  DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
File Size   488.42 Kbytes
Html View  1   2   3 
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

13529 Datasheet (PDF) - Belden Inc.



Similar Part No. - 13529

ManufacturerPart #DatasheetDescription
logo
Philips Lighting N.V
13529 PHILIPSLIGHTING-13529 Datasheet
159Kb / 5P
Halogen reflector
Sunday 2nd March, 2014
logo
Weidmuller
1352930000 WEIDMULLER-1352930000 Datasheet
336Kb / 4P
VPU II 0 600V/25KA
More results


Similar Description - 13529

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-120065-030 MOLEX11-SD-120065-030 Datasheet
88Kb / 1P
MICRO-CHANGE CORDSET 8-POL FEMALE STR SE 24/8 BLACK PUR/PVC CABLE
1200835137 MOLEX-1200835137 Datasheet
27Kb / 1P
Ultra-Lock (M12) Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail, 24 AWG, PUR Cable, 3.0m (9.84) Length, Black
08/30/2022
1200835138 MOLEX-1200835138 Datasheet
27Kb / 1P
Ultra-Lock (M12) Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail, 24 AWG, PUR Cable, 5.0m (16.40) Length, Black
11/18/2022
1204000107 MOLEX-1204000107 Datasheet
35Kb / 2P
Ultra-Lock 2.0 (M12) Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail, PUR WSOR Cable, 10.0m Length
11/17/2022
1204000109 MOLEX-1204000109 Datasheet
35Kb / 2P
Ultra-Lock 2.0 (M12) Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail, PUR LS0H Cable, 2.0m Length
11/18/2022
1204000112 MOLEX-1204000112 Datasheet
36Kb / 2P
Ultra-Lock 2.0 (M12) Single-Ended Cordset, 12 Poles, Female (Straight) to Pigtail, PUR Cable, 1.0m Length
11/18/2022
1204000113 MOLEX-1204000113 Datasheet
36Kb / 2P
Ultra-Lock 2.0 (M12) Single-Ended Cordset, 12 Poles, Female (Straight) to Pigtail, PUR Cable, 2.0m Length
11/17/2022
1204000114 MOLEX-1204000114 Datasheet
36Kb / 2P
Ultra-Lock 2.0 (M12) Single-Ended Cordset, 12 Poles, Female (Straight) to Pigtail, PUR Cable, 5.0m Length
11/16/2022
1204000115 MOLEX-1204000115 Datasheet
36Kb / 2P
Ultra-Lock 2.0 (M12) Single-Ended Cordset, 12 Poles, Female (Straight) to Pigtail, PUR Cable, 10.0m Length
11/17/2022
logo
Belden Inc.
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com