Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

O-S22 Datasheet (PDF) - Yuechung International Corp.

Part # O-S22
Description  O-S22 Series : Programmable Crystal Clock Oscillator 2.5x2.0mm
File Size   280.22 Kbytes
Html View  1 
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

O-S22 Datasheet (PDF) - Yuechung International Corp.



Similar Part No. - O-S22

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
O-S21 YIC-O-S21 Datasheet
279Kb / 1P
O-S21 Series : Programmable Crystal Clock Oscillator 2.0x1.6mm
More results


Similar Description - O-S22

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0268A TAI-SAW-TW0268A Datasheet
184Kb / 5P
SMD 2.5x2.0mm 24.576MHz Crystal Oscillator
TW0275A TAI-SAW-TW0275A Datasheet
184Kb / 5P
SMD 2.5x2.0mm 12.288MHz Crystal Oscillator
TW0273A TAI-SAW-TW0273A Datasheet
184Kb / 5P
SMD 2.5x2.0mm 60MHz Crystal Oscillator
REV. NO: 1
logo
Yuechung International ...
O-S21 YIC-O-S21 Datasheet
279Kb / 1P
O-S21 Series : Programmable Crystal Clock Oscillator 2.0x1.6mm
O-S3 YIC-O-S3 Datasheet
287Kb / 1P
O-S3 Series : Programmable Crystal Clock Oscillator 3.2x2.5mm
O-S5 YIC-O-S5 Datasheet
291Kb / 1P
O-S5 Series : Programmable Crystal Clock Oscillator 5.0x3.2mm
O-S7 YIC-O-S7 Datasheet
293Kb / 1P
O-S7 Series : Programmable Crystal Clock Oscillator 7.0x5.0mm
OSCLD-S22 YIC-OSCLD-S22 Datasheet
302Kb / 1P
OSCLD-S22 Series : LVDS SMD Crystal Clock Oscillator 2.5x2.0 mm
OSC-S22-RTC YIC-OSC-S22-RTC Datasheet
293Kb / 1P
OSC-S22 RTC Series : RTC SMD Crystal Clock Oscillator 2.5x2.0 mm
OSCLP-S22 YIC-OSCLP-S22 Datasheet
287Kb / 1P
OSCLP-S22 Series : LVPECL SMD Crystal Clock Oscillator 2.5x2.0 mm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com