Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSC1065L Datasheet (PDF) - Nexperia B.V. All rights reserved

Part # PSC1065L
Description  650 V, 10 A SiC Schottky diode in TO-247-2
File Size   148.85 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSC1065L Datasheet (PDF) - Nexperia B.V. All rights reserved



Similar Part No. - PSC1065L

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSC1065B1 NEXPERIA-PSC1065B1 Datasheet
202Kb / 9P
650 V, 10 A SiC Schottky diode in bare die
15 May 2024
PSC1065B1-Q NEXPERIA-PSC1065B1-Q Datasheet
234Kb / 9P
650 V, 10 A SiC Schottky diode in bare die for automotive applications
14 June 2024
PSC1065H NEXPERIA-PSC1065H Datasheet
177Kb / 7P
650 V, 10 A SiC Schottky diode in DPAK R2P
26 April 2023
PSC1065H-Q NEXPERIA-PSC1065H-Q Datasheet
262Kb / 11P
650 V, 10 A SiC Schottky diode in DPAK R2P for automotive applications
6 June 2024
PSC1065J NEXPERIA-PSC1065J Datasheet
180Kb / 7P
650 V, 10 A SiC Schottky diode in D2PAK R2P
26 April 2023
More results


Similar Description - PSC1065L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-C20CP07L-M3 VISHAY-VS-C20CP07L-M3 Datasheet
136Kb / 5P
650 V Power SiC Merged PIN Schottky Diode, 2 x 10 A
16-Apr-2021
VS-C10ET07T-M3 VISHAY-VS-C10ET07T-M3 Datasheet
151Kb / 5P
650 V Power SiC Merged PIN Schottky Diode, 10 A
16-Apr-2021
logo
Littelfuse
LSIC2SD065D10A LITTELFUSE-LSIC2SD065D10A Datasheet
1Mb / 5P
LSIC2SD065D10A 650 V, 10 A SiC Schottky Barrier Diode
Revised: 03/05/19
logo
Vishay Siliconix
VS-C10ET07T-M3 VISHAY-VS-C10ET07T-M3_V01 Datasheet
152Kb / 5P
650 V Power SiC Merged PIN Schottky Diode, 10 A
16-Apr-2021
VS-C20CP07L-M3 VISHAY-VS-C20CP07L-M3_V01 Datasheet
136Kb / 5P
650 V Power SiC Merged PIN Schottky Diode, 2 x 10 A
16-Apr-2021
logo
Nexperia B.V. All right...
PSC1065H NEXPERIA-PSC1065H Datasheet
177Kb / 7P
650 V, 10 A SiC Schottky diode in DPAK R2P
26 April 2023
PSC1065J NEXPERIA-PSC1065J Datasheet
180Kb / 7P
650 V, 10 A SiC Schottky diode in D2PAK R2P
26 April 2023
PSC1065K NEXPERIA-PSC1065K Datasheet
211Kb / 10P
650 V, 10 A SiC Schottky diode in TO-220-2 R2P
19 April 2023
logo
Littelfuse
LSIC2SD065A10A LITTELFUSE-LSIC2SD065A10A Datasheet
646Kb / 5P
LSIC2SD065A10A 650 V, 10 A SiC Schottky Barrier Diode
10/16/20
logo
ON Semiconductor
NDSH10170A ONSEMI-NDSH10170A Datasheet
304Kb / 6P
Silicon Carbide (SiC) Schottky Diode – EliteSiC,10 A, 1700 V, D1, TO-247-2L
January, 2023 - Rev. 3
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com