Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0640A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0640A
Description  Crystal Unit SMD 3.2x2.5 26.0000MHz
File Size   301.04 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0640A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TZ0640A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0641A TAI-SAW-TZ0641A Datasheet
192Kb / 5P
SMD 5.0x3.2 13.0MHz Crystal Unit
REV. NO.: 3
TZ0642A TAI-SAW-TZ0642A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 13.0MHz
REV. NO.: 3
TZ0642B TAI-SAW-TZ0642B Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 13.0MHz
REV. NO.: 2
TZ0643A TAI-SAW-TZ0643A Datasheet
192Kb / 5P
SMD 5.0x3.2 18.543956MHz Crystal Unit
REV. NO.: 1
TZ0644A TAI-SAW-TZ0644A Datasheet
192Kb / 5P
SMD 5.0x3.2 18.5625 MHz Crystal Unit
REV. NO.: 1
More results


Similar Description - TZ0640A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0413A TAI-SAW-TZ0413A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.: 4
TZ0495A TAI-SAW-TZ0495A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.: 3
TZ0742A TAI-SAW-TZ0742A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.: 3
TZ0813A TAI-SAW-TZ0813A Datasheet
438Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.: 6
TZ0820A TAI-SAW-TZ0820A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.:5
TZ0908A TAI-SAW-TZ0908A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.: 4
TZ1004A TAI-SAW-TZ1004A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.: 2
TZ1083A TAI-SAW-TZ1083A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.: 2
TZ1207A TAI-SAW-TZ1207A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.: 3
TZ1215A TAI-SAW-TZ1215A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.: 3
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com