Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTA123E_SER Datasheet (PDF) - Nexperia B.V. All rights reserved

Part # PDTA123E_SER
Description  PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
File Size   421.92 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTA123E_SER Datasheet (PDF) - Nexperia B.V. All rights reserved



Similar Part No. - PDTA123E_SER

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA123E_SERIES NEXPERIA-PDTA123E_SERIES Datasheet
421Kb / 15P
PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
2004 Aug 02
More results


Similar Description - PDTA123E_SER

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTB123ET NEXPERIA-PDTB123ET Datasheet
374Kb / 11P
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 2.2 kΩ
Rev. 3 - 22 September 2010
PDTB123YT-Q NEXPERIA-PDTB123YT-Q Datasheet
222Kb / 10P
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
25 February 2022
PDTC123E_SERIES NEXPERIA-PDTC123E_SERIES Datasheet
420Kb / 15P
NPN resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
2004 Aug
PDTD123E_SER NEXPERIA-PDTD123E_SER Datasheet
245Kb / 11P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
Rev. 02 - 16 November 2009
PUMH10-Q NEXPERIA-PUMH10-Q Datasheet
1Mb / 12P
NPN/NPN resistor-equipped double transistor; R1 = 2.2 kΩ, R2 = 47 kΩ
25 October 2021
PDTA123E_SERIES NEXPERIA-PDTA123E_SERIES Datasheet
421Kb / 15P
PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
2004 Aug 02
PDTA144W_SERIES NEXPERIA-PDTA144W_SERIES Datasheet
420Kb / 15P
PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 22 kΩ
2004 Aug 05
PUMD10-Q NEXPERIA-PUMD10-Q Datasheet
279Kb / 15P
NPN/PNP double Resistor-Equipped Transistor; R1 = 2.2 kΩ, R2 = 47 kΩ
14 September 2021
PUMD48-Q NEXPERIA-PUMD48-Q Datasheet
253Kb / 14P
NPN/PNP resistor-equipped double transistor; R1 = 47 kΩ, R2 = 47 kΩ and R1 = 2.2 kΩ, R2 = 47 kΩ
25 October 2021
PEMH20 NEXPERIA-PEMH20 Datasheet
283Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
Rev. 04 - 15 November 2009
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com