Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0809A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0809A
Description  Crystal Unit SMD 3.2x2.5 12.0MHz
File Size   302.12 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0809A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TZ0809A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0800A TAI-SAW-TZ0800A Datasheet
210Kb / 5P
SMD 4.0x2.5 16.384MHz Crystal Unit
REV. NO.: 1
TZ0802A TAI-SAW-TZ0802A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 14.7456MHz
REV. NO.: 3
TZ0803A TAI-SAW-TZ0803A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 19.5MHz
REV. NO.: 3
TZ0806A TAI-SAW-TZ0806A Datasheet
195Kb / 5P
SMD 2.5x2.0 22.8 MHz Crystal Unit
REV. NO.: 1
TZ0808A TAI-SAW-TZ0808A Datasheet
189Kb / 5P
SMD 5.0x3.2 26.0MHz Crystal Unit
REV. NO.: 1
More results


Similar Description - TZ0809A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0327A TAI-SAW-TZ0327A Datasheet
421Kb / 7P
Crystal Unit SMD 3.2x2.5 12.0MHz
REV. NO.: 7
TZ0347A TAI-SAW-TZ0347A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 12.0MHz
REV. NO.: 2
TZ0442A TAI-SAW-TZ0442A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 12.0MHz
REV. NO.: 4
TZ0683A TAI-SAW-TZ0683A Datasheet
95Kb / 7P
Crystal Unit SMD 3.2x2.5 12.0MHz
REV. NO.: 5
TZ0760A TAI-SAW-TZ0760A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 12.0MHz
REV. NO.: 4
TZ0874A TAI-SAW-TZ0874A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 12.0MHz
REV. NO.: 3
TZ1224A TAI-SAW-TZ1224A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 12.0MHz
REV. NO.: 2
TZ1444A TAI-SAW-TZ1444A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 12.0MHz
REV. NO.: 2
TZ1450A TAI-SAW-TZ1450A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 12.0MHz
REV. NO.: 2
TZ1712A TAI-SAW-TZ1712A Datasheet
430Kb / 7P
Crystal Unit SMD 3.2x2.5 12.0MHz
REV. NO.: 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com