Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3502 Datasheet (PDF) - Voltage Multipliers Inc.

Part # 3502
Description  200 V - 1,000 V Three Phase Bridge 40.0 A - 60.0 A Forward Current 70 ns - 3000 ns Recovery Time
File Size   184.15 Kbytes
Html View  1   2 
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

3502 Datasheet (PDF) - Voltage Multipliers Inc.



Similar Part No. - 3502

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
3502 PEREGRINE-3502 Datasheet
162Kb / 7P
3500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
logo
RHOPOINT COMPONENTS
3502 RHOPOINT-3502 Datasheet
63Kb / 2P
Low Thermal EMF Reed Relays
logo
Abbatron All Rights Res...
3502 ABBATRON-3502 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Multicomp Pro
3502 MULTICOMP-3502 Datasheet
240Kb / 2P
PTFE Heat Shrink Tubing
13/09/22 V1.0
logo
Switchcraft, Inc.
3502 SWITCH-3502 Datasheet
861Kb / 4P
Q-G®CORD PLUG CONNECTORS AND RECEPTACLES
More results


Similar Description - 3502

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
1202A VMI-1202A Datasheet
80Kb / 2P
200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
1202B VMI-1202B Datasheet
78Kb / 2P
200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
1202C VMI-1202C Datasheet
78Kb / 2P
200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
1402 VMI-1402 Datasheet
151Kb / 2P
200 V - 1,000 V Single Phase Bridge 12.0 A Forward Current 70 ns - 3000 ns Recovery Time
3102 VMI-3102 Datasheet
151Kb / 2P
200 V - 1,000 V Three Phase Bridge 2.0 A Forward Current 70 ns - 3000 ns Recovery Time
3302 VMI-3302 Datasheet
245Kb / 2P
200 V - 1,000 V Three Phase Bridge 9.0 A - 10.0 A Forward Current 70 ns - 3000 ns Recovery Time
3402B VMI-3402B Datasheet
261Kb / 2P
200 V - 1,000 V Three Phase Bridge 18.0 A - 20.0 A Forward Current 70 ns - 3000 ns Recovery Time
LTI602 VMI-LTI602 Datasheet
227Kb / 2P
200 V - 1,000 V Three Phase Bridge 30.0 A - 40.0 A Forward Current 70 ns - 3000 ns Recovery Time
LTI602T VMI-LTI602T Datasheet
232Kb / 2P
200 V - 1,000 V Three Phase Bridge 30.0 A - 40.0 A Forward Current 70 ns - 3000 ns Recovery Time
3202 VMI-3202 Datasheet
235Kb / 2P
200 V - 1,000 V Three Phase Bridge 4.0 A - 5.0 A Forward Current 70 ns - 3000 ns Recovery Time
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com