Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0890A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0890A
Description  SMD 2.5x2.0 25.0MHz Crystal Unit
File Size   347.13 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0890A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TZ0890A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0892E TAI-SAW-TZ0892E Datasheet
102Kb / 7P
Crystal Unit SMD 3.2x2.5 32.00MHz
REV. NO.: 1
TZ0894A TAI-SAW-TZ0894A Datasheet
198Kb / 5P
SMD 4.0x2.5 18.432MHz Crystal Unit
REV. NO.: 2
TZ0895A TAI-SAW-TZ0895A Datasheet
304Kb / 7P
Crystal Unit SMD 3.2x2.5 16.0MHz
REV. NO.: 2
TZ0895B TAI-SAW-TZ0895B Datasheet
167Kb / 7P
Crystal Unit SMD 3.2x2.5 16.00MHz
REV. NO.: 3
TZ0896A TAI-SAW-TZ0896A Datasheet
346Kb / 7P
SMD 2.5x2.0 40.0MHz Crystal Unit
REV. NO.: 2
More results


Similar Description - TZ0890A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0179A TAI-SAW-TZ0179A Datasheet
226Kb / 5P
SMD 4.0x2.5 25.0MHz Crystal Unit
REV. NO.: 3
TZ0294A TAI-SAW-TZ0294A Datasheet
218Kb / 5P
SMD 5.0x3.2 25.0MHz Crystal Unit
REV. NO.: 2
TZ0297A TAI-SAW-TZ0297A Datasheet
218Kb / 5P
SMD 5.0x3.2 25.0MHz Crystal Unit
REV. NO.: 2
TZ0416A TAI-SAW-TZ0416A Datasheet
225Kb / 5P
SMD 4.0x2.5 25.0MHz Crystal Unit
REV. NO.: 1
TZ0525A TAI-SAW-TZ0525A Datasheet
215Kb / 5P
SMD 5.0x3.2 25.0MHz Crystal Unit
REV. NO.: 1
TZ0625A TAI-SAW-TZ0625A Datasheet
221Kb / 5P
SMD 7.0x5.0 25.0MHz Crystal Unit
REV. NO.: 2
TZ0748A TAI-SAW-TZ0748A Datasheet
380Kb / 7P
SMD 3.2x2.5 25.0MHz Crystal Unit
REV. NO.: 3
TZ2477A TAI-SAW-TZ2477A Datasheet
258Kb / 7P
Crystal Unit SMD 2.5x2.0 25.0MHz
REV. NO.: 1
TZ2477C TAI-SAW-TZ2477C Datasheet
164Kb / 7P
Crystal Unit SMD 2.5x2.0 25.0MHz
REV. NO.: 1
TZ2585A TAI-SAW-TZ2585A Datasheet
175Kb / 8P
Crystal Unit SMD 2.0x1.6 25.0MHz
REV. NO.: 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com