Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0980A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0980A
Description  Crystal Unit SMD 3.2x2.5 26.0MHz
File Size   300.61 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0980A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TZ0980A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0982A TAI-SAW-TZ0982A Datasheet
195Kb / 5P
SMD 2.5x2.0 27.6MHz Crystal Unit
REV. NO.: 1
TZ0986A TAI-SAW-TZ0986A Datasheet
365Kb / 7P
Crystal Unit SMD 5.0x3.2 16.367667MHz
REV. NO.: 2
TZ0987A TAI-SAW-TZ0987A Datasheet
125Kb / 7P
Crystal Unit SMD 3.2x2.5 40.00MHz
REV. NO.: 1
More results


Similar Description - TZ0980A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0311A TAI-SAW-TZ0311A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0MHz
REV. NO.: 5
TZ0380A TAI-SAW-TZ0380A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0MHz
REV. NO.: 4
TZ0606A TAI-SAW-TZ0606A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0MHz
REV. NO.: 4
TZ0763A TAI-SAW-TZ0763A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0MHz
REV. NO.: 3
TZ0770A TAI-SAW-TZ0770A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0MHz
REV. NO.: 3
TZ0928AC TAI-SAW-TZ0928AC Datasheet
434Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0MHz
REV. NO.: 1
TZ1341A TAI-SAW-TZ1341A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0MHz
REV. NO.: 2
TZ1606A TAI-SAW-TZ1606A Datasheet
442Kb / 7P
SMD 3.2x2.5 26.0MHz Crystal Unit
REV. NO.: 5
TZ1727A TAI-SAW-TZ1727A Datasheet
431Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0MHz
REV. NO.: 1
TZ2019A TAI-SAW-TZ2019A Datasheet
459Kb / 8P
SMD 3.2x2.5 26.0MHz Crystal Unit
REV. NO.: 2
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com