Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0991A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0991A
Description  SMD 4.0x2.5 16.0MHz Crystal Unit
File Size   225.04 Kbytes
Html View  1   2   3   4   5 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0991A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TZ0991A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0992A TAI-SAW-TZ0992A Datasheet
225Kb / 5P
SMD 4.0x2.5 16.0MHz Crystal Unit
REV. NO.: 1
TZ0994A TAI-SAW-TZ0994A Datasheet
183Kb / 5P
SMD 6.0x3.5 8MHz Crystal Unit
REV. NO.: 1
TZ0995A TAI-SAW-TZ0995A Datasheet
176Kb / 5P
SMD 7.0x5.0 8.192MHz Crystal Unit
REV. NO.: 1
TZ0996A TAI-SAW-TZ0996A Datasheet
176Kb / 5P
SMD 7.0x5.0 16.384MHz Crystal Unit
REV. NO.: 1
More results


Similar Description - TZ0991A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0131A TAI-SAW-TZ0131A Datasheet
216Kb / 5P
SMD 5.0x3.2 16.0MHz Crystal Unit
REV. NO.: 4
TZ0163A TAI-SAW-TZ0163A Datasheet
212Kb / 5P
SMD 3.5x6 16.0MHz Crystal Unit
REV. NO.: 1
TZ0458A TAI-SAW-TZ0458A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 16.0MHz
REV. NO.: 2
TZ0738AA TAI-SAW-TZ0738AA Datasheet
409Kb / 7P
Crystal Unit SMD 3.2x2.5 16.0MHz
REV. NO.: 1
TZ0794A TAI-SAW-TZ0794A Datasheet
118Kb / 7P
Crystal Unit SMD 3.2x2.5 16.0MHz
REV. NO.: 4
TZ0992A TAI-SAW-TZ0992A Datasheet
225Kb / 5P
SMD 4.0x2.5 16.0MHz Crystal Unit
REV. NO.: 1
TZ1013A TAI-SAW-TZ1013A Datasheet
377Kb / 8P
SMD 4.0x2.5 16.0MHz Crystal Unit
REV. NO.: 1
TZ1211A TAI-SAW-TZ1211A Datasheet
196Kb / 5P
SMD 2.5x2.0 16.0MHz Crystal Unit
REV. NO.: 2
TZ1317A TAI-SAW-TZ1317A Datasheet
345Kb / 7P
SMD 2.5x2.0 16.0MHz Crystal Unit
REV. NO.: 2
TZ1697A TAI-SAW-TZ1697A Datasheet
402Kb / 8P
Crystal Unit SMD 4.0x2.5 16.0MHz
REV. NO.: 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com