Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0995A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0995A
Description  SMD 7.0x5.0 8.192MHz Crystal Unit
File Size   176.16 Kbytes
Html View  1   2   3   4   5 
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0995A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.



Similar Part No. - TZ0995A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0991A TAI-SAW-TZ0991A Datasheet
225Kb / 5P
SMD 4.0x2.5 16.0MHz Crystal Unit
REV. NO.: 1
TZ0992A TAI-SAW-TZ0992A Datasheet
225Kb / 5P
SMD 4.0x2.5 16.0MHz Crystal Unit
REV. NO.: 1
TZ0994A TAI-SAW-TZ0994A Datasheet
183Kb / 5P
SMD 6.0x3.5 8MHz Crystal Unit
REV. NO.: 1
TZ0996A TAI-SAW-TZ0996A Datasheet
176Kb / 5P
SMD 7.0x5.0 16.384MHz Crystal Unit
REV. NO.: 1
More results


Similar Description - TZ0995A

ManufacturerPart #DatasheetDescription
logo
TEMEX
QESM01 TEMEX-QESM01 Datasheet
474Kb / 4P
SMD 7.0x5.0 Crystal - Ceramic SMD packaged
logo
TAI-SAW TECHNOLOGY CO.,...
TW0185A TAI-SAW-TW0185A Datasheet
369Kb / 7P
SMD 7.0x5.0 33.333MHz Crystal Oscillator
TW0232A TAI-SAW-TW0232A Datasheet
207Kb / 5P
SMD 7.0x5.0 25MHz Crystal Oscillator
TW0236A TAI-SAW-TW0236A Datasheet
190Kb / 5P
SMD 7.0x5.0 125MHz Crystal Oscillator
TW0341A TAI-SAW-TW0341A Datasheet
277Kb / 7P
SMD 7.0x5.0 125MHz Crystal Oscillator
REV. NO.: 1
TW0389A TAI-SAW-TW0389A Datasheet
363Kb / 7P
SMD 7.0x5.0 2.048MHz Crystal Oscillator
REV. NO.: 1.0
TZ0625A TAI-SAW-TZ0625A Datasheet
221Kb / 5P
SMD 7.0x5.0 25.0MHz Crystal Unit
REV. NO.: 2
TZ0996A TAI-SAW-TZ0996A Datasheet
176Kb / 5P
SMD 7.0x5.0 16.384MHz Crystal Unit
REV. NO.: 1
TZ1151A TAI-SAW-TZ1151A Datasheet
173Kb / 5P
SMD 7.0x5.0 11.0592MHz Crystal Unit
REV. NO.: 1
TZ1864A TAI-SAW-TZ1864A Datasheet
135Kb / 7P
Crystal Unit SMD 7.0x5.0 16.8MHz
REV. NO.: 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com