Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMB24 Datasheet (PDF) - Nexperia B.V. All rights reserved

Part # PEMB24
Description  PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
File Size   79.48 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMB24 Datasheet (PDF) - Nexperia B.V. All rights reserved



Similar Part No. - PEMB24

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB24 NXP-PEMB24 Datasheet
80Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
PEMB24 NXP-PEMB24_09 Datasheet
80Kb / 11P
PNP/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
PEMB24_PUMB24 PHILIPS-PEMB24_PUMB24_15 Datasheet
80Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
More results


Similar Description - PEMB24

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB9 PHILIPS-PEMB9 Datasheet
54Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 10 kW, R2 = 47 kW
2003 Oct 03
PDTC115E PHILIPS-PDTC115E Datasheet
93Kb / 14P
NPN resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
2004 Aug 06
PDTA115E PHILIPS-PDTA115E Datasheet
93Kb / 14P
PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
2004 Jul 30
PDTA115T NXP-PDTA115T Datasheet
110Kb / 17P
PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 05-2 September 2009
PEMB24 NXP-PEMB24 Datasheet
80Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
PEMB24 NXP-PEMB24_09 Datasheet
80Kb / 11P
PNP/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
PEMD24 NXP-PEMD24 Datasheet
78Kb / 10P
NPN/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 01-2 May 2005
PEMB24_PUMB24 PHILIPS-PEMB24_PUMB24_15 Datasheet
80Kb / 11P
PNP/PNP resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
Rev. 02-2 September 2009
PEMD24_PUMD24 PHILIPS-PEMD24_PUMD24_15 Datasheet
78Kb / 10P
NPN/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 01-2 May 2005
logo
Nexperia B.V. All right...
PDTA115T_SER NEXPERIA-PDTA115T_SER Datasheet
224Kb / 18P
PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 05 - 2 September 2009
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com