Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SXO Datasheet (PDF) - Transko Electronics, Inc.

Part # SXO
Description  STANDARD THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)
File Size   179.19 Kbytes
Html View  1 
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

SXO Datasheet (PDF) - Transko Electronics, Inc.



Similar Part No. - SXO

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
SXO-03025 PETERMANN-SXO-03025 Datasheet
118Kb / 3P
HIGH RELIABILITY FOR LOW COST
SXO-05032 PETERMANN-SXO-05032 Datasheet
119Kb / 3P
HIGH RELIABILITY FOR LOW COST
SXO-0507 PETERMANN-SXO-0507 Datasheet
114Kb / 3P
HIGH RELIABILITY FOR LOW COST
SXO-1109 PETERMANN-SXO-1109 Datasheet
126Kb / 2P
HIGH RELIABILITY FOR LOW COST
logo
Wolfgang Knap
SXO100 WK-SXO100 Datasheet
30Kb / 1P
CMOS/TTL CLOCK-OSCILLATOR
More results


Similar Description - SXO

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
HC49S TRANSKO-HC49S Datasheet
157Kb / 1P
STANDARD HC49/S THROUGH HOLE CRYSTAL (11.5 x 4.7 x 3.5mm)
REV.3 10-10-19
ECP TRANSKO-ECP Datasheet
410Kb / 1P
PECL OUTPUT THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)
Rev. 2: Apr. 2015
EXO TRANSKO-EXO Datasheet
424Kb / 1P
ECL OUTPUT THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)
Rev. 1: Jul. 2014
HC49U TRANSKO-HC49U Datasheet
131Kb / 1P
STANDARD THROUGH HOLE CRYSTAL (11.5 x 4.7 x 13.5mm)
Rev.3: 10-10-19
OX-F TRANSKO-OX-F Datasheet
325Kb / 2P
OCXO 20.8 X 13.2 X 10.0mm 14PIN DIP FULL SIZE
Rev. 4: 02-20-20
SXI TRANSKO-SXI Datasheet
170Kb / 1P
STANDARD THROUGH HOLE OSCILLATOR (20.7 x 13.1 x 7.5mm)
Rev. 2: 01-30-19
SXP TRANSKO-SXP Datasheet
170Kb / 1P
STANDARD THROUGH HOLE OSCILLATOR (20.7 x 13.7 x 7.5mm)
Rev. 2: 01-30-19
SXS TRANSKO-SXS Datasheet
459Kb / 1P
STANDARD THROUGH HOLE OSCILLATOR (20.7 x 13.1 x 7.5mm)
Ver. 1: Jan. 2015
TSP TRANSKO-TSP Datasheet
295Kb / 1P
PLASTIC MOLDED STANDARD SMD OSCILLATOR (14.0 x 9.8 x 4.7mm)
Rev.2: Mar. 2020
VCXO-650 TRANSKO-VCXO-650 Datasheet
451Kb / 2P
STANDARD THROUGH HOLE VCXO (20.7 x 13.1 x 7.5mm)
Rev. 1: Jul. 2014
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com