Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF131 Datasheet (PDF) - Teledyne Technologies Incorporated

Part # RF131
Description  HIGH REPEATABILITY SPDT, BROADBAND 12 GHZ, 20 Gbps NON-LATCHING RF RELAY
File Size   908.25 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

RF131 Datasheet (PDF) - Teledyne Technologies Incorporated



Similar Part No. - RF131

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1319D RFM-RF1319D Datasheet
56Kb / 2P
868.95 MHz SAW Filter
More results


Similar Description - RF131

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4272 PEREGRINE-PE4272 Datasheet
222Kb / 11P
SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
PE4273 PEREGRINE-PE4273 Datasheet
200Kb / 12P
SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
PE4273 PEREGRINE-PE4273_06 Datasheet
232Kb / 11P
SPDT Broadband UltraCMOS DC - 3 GHz RF Switch
logo
Teledyne Technologies I...
RF320-5 TELEDYNE-RF320-5 Datasheet
123Kb / 5P
HIGH REPEATABILITY ULTRAMINIATURE T0-5, RF BYPASS RELAY DC TO 3 GHz
RF100-5 TELEDYNE-RF100-5 Datasheet
97Kb / 4P
HIGH REPEATABILITY ULTRAMINIATURE CENTIGRID RELAY BROADBAND DC TO RF
logo
Tyco Electronics
FCA-150 MACOM-FCA-150 Datasheet
374Kb / 6P
Non-latching relay
logo
Teledyne Technologies I...
GRF121A TELEDYNE-GRF121A Datasheet
903Kb / 6P
SURFACE MOUNT HIGH REPEATABILITY SPDT, BROADBAND 18 GHZ 40GBPS MAGNETIC-LATCHING RF RELAY
06/2021
GRF131 TELEDYNE-GRF131 Datasheet
1Mb / 6P
SURFACE MOUNT HIGH REPEATABILITY SPDT, BROADBAND 18 GHZ,40GBPS NON-LATCHING RF RELAY
11/2021
RF121 TELEDYNE-RF121 Datasheet
892Kb / 6P
HIGH REPEATABILITY SPDT, BROADBAND 12 GHZ, 20 Gbps MAGNETIC-LATCHING RF RELAY
09/2021
SGRF100 TELEDYNE-SGRF100 Datasheet
456Kb / 4P
DPDT Non-Latching DC-6 GHz, RF Relay
2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com