Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSD Datasheet (PDF) - Transko Electronics, Inc.

Part # TSD
Description  HCMOS OSCILLATOR (14.3 x 8.7 x 5.5mm)
File Size   286.32 Kbytes
Html View  1 
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TSD Datasheet (PDF) - Transko Electronics, Inc.



Similar Part No. - TSD

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TSD FENGJUI-TSD Datasheet
299Kb / 4P
SMD POWER INDUCTOR-RoHS
logo
Automatic Timing & Cont...
TSD ATC-TSD Datasheet
260Kb / 1P
OFF-Delay Solid-State Output
logo
PHOENIX CONTACT
TSD-02-SAC PHOENIX-TSD-02-SAC Datasheet
52Kb / 3P
Torque screwdriver, with preset torque of 0.2 Nm and 4 mm hexagonal drive for M8 connectors
TSD-04-SAC PHOENIX-TSD-04-SAC Datasheet
53Kb / 3P
Wide range of SAC... nuts for various different applications
TSD-08-SAC PHOENIX-TSD-08-SAC Datasheet
52Kb / 2P
For the TSD-M... torque screwdrivers, the torque can be custom-set
More results


Similar Description - TSD

ManufacturerPart #DatasheetDescription
logo
TAITIEN ELECTRONICS CO....
XO-0122-NK-N-TYPE TAITIEN-XO-0122-NK-N-TYPE Datasheet
318Kb / 1P
14.3 x 9.3 mm Oven Controlled Crystall Oscillator
XO-0044-TK TAITIEN-XO-0044-TK Datasheet
434Kb / 1P
14.3 x 8.7 mm Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Transko Electronics, In...
TIS TRANSKO-TIS Datasheet
453Kb / 1P
FR-4 SMD LVDS OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
TPS-1236 TRANSKO-TPS-1236 Datasheet
397Kb / 2P
ULTRA LOW NOISE HCMOS OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
TPS TRANSKO-TPS Datasheet
411Kb / 1P
FR-4 SMD LVPECL OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
TSVC TRANSKO-TSVC Datasheet
485Kb / 2P
FR4 PCB BASED 4PAD SMD CMOS/TTL/SW VCXO (14.3 x 8.7 x 5.5mm)
Rev. 2: Feb. 2015
TSVD-HCQ33S-122.880M TRANSKO-TSVD-HCQ33S-122.880M Datasheet
431Kb / 1P
FR4 PCB BASED SMD CMOS VCXO (14.3 x 8.7 x 5.0mm)
Rev. 0: May 2020
TSVD TRANSKO-TSVD Datasheet
470Kb / 2P
FR4 PCB BASED SMD HCMOS VCXO (14.3 x 8.7 x 5.5mm)
Rev. 2: Feb. 2015
TSVE TRANSKO-TSVE Datasheet
591Kb / 2P
FR4 PCB BASED SMD SINEWAVE VCXO (14.3 x 8.7 x 5.5mm)
Rev. 1: Jul. 2014
TSVF TRANSKO-TSVF Datasheet
497Kb / 2P
FR4 PCB BASED 6PAD SMD CMOS/LVDS/LVPECL VCXO (14.3 x 8.7 x 5.5mm)
Rev. 4: May 2015
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com