Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LW-C10 Datasheet (PDF) - IDEC Corporation

Part # LW-C10
Description  LW Series — Switches and Pilot Devices: 22mm
File Size   545.06 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LW-C10 Datasheet (PDF) - IDEC Corporation



Similar Part No. - LW-C10

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LW-C9EN OSRAM-LW-C9EN Datasheet
578Kb / 17P
SMD ceramic package with diffused silicone resin
LW-C9SN OSRAM-LW-C9SN Datasheet
576Kb / 17P
SMD ceramic package with silicon resin
LW-C9SP OSRAM-LW-C9SP Datasheet
612Kb / 18P
SMD ceramic package with silicon resin
More results


Similar Description - LW-C10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437614-1 MACOM-2-1437614-1 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
logo
List of Unclassifed Man...
AB6M-V1-R ETC2-AB6M-V1-R Datasheet
1Mb / 14P
A6 Series Miniature Switches and Pilot Devices 16mm
HA1EV2S1R ETC2-HA1EV2S1R Datasheet
3Mb / 23P
L6 Series Miniature Switches and Pilot Devices
E22BA3 ETC2-E22BA3 Datasheet
63Kb / 1P
Oiltight Switches Pilot Devices
HW-G10 ETC2-HW-G10 Datasheet
164Kb / 4P
Oiltight Switches and Pilot Devices
logo
Tyco Electronics
RM232 MACOM-RM232 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
logo
Schneider Electric
XB4BVG3 SCHNEIDER-XB4BVG3 Datasheet
175Kb / 1P
Harmony, 22mm pilot light, green lens, 120 V LED
Sep 29, 2021
XB4BVG5 SCHNEIDER-XB4BVG5 Datasheet
170Kb / 5P
Harmony, 22mm pilot light, orange lens, 120 V LED
Sep 29, 2021
logo
IDEC Corporation
FB1W-111Y IDEC-FB1W-111Y Datasheet
377Kb / 2P
Enclosures for XW, HW & TW 22mm Switches and Pilot Devices
A6SERIES IDEC-A6SERIES Datasheet
3Mb / 14P
A6 Series — Miniature Switches and Pilot Devices: 16mm
2017
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com