Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTR0202PL Datasheet (PDF) - ON Semiconductor

Part # NTR0202PL
Description  Power MOSFET -20 V, -400 mA, P-Channel SOT-23 Package
File Size   141.73 Kbytes
Html View  1   2   3   4   5 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTR0202PL Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTR0202PL_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR0202PLT1 ONSEMI-NTR0202PLT1 Datasheet
54Kb / 6P
Power MOSFET -20 V, -400 mA, P-Channel SOT-23 Package
July, 2004 ??Rev. 2
NTR0202PLT1G ONSEMI-NTR0202PLT1G Datasheet
54Kb / 6P
Power MOSFET -20 V, -400 mA, P-Channel SOT-23 Package
July, 2004 ??Rev. 2
NTR0202PLT1G ONSEMI-NTR0202PLT1G Datasheet
127Kb / 5P
Power MOSFET ??0 V, ??00 mA, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 5
NTR0202PLT1G ONSEMI-NTR0202PLT1G Datasheet
99Kb / 5P
Power MOSFET
October, 2016 ??Rev. 6
logo
VBsemi Electronics Co.,...
NTR0202PLT1G VBSEMI-NTR0202PLT1G Datasheet
1Mb / 9P
P-Channel 20-V (D-S) MOSFET
More results


Similar Description - NTR0202PL_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR0202PL ONSEMI-NTR0202PL Datasheet
54Kb / 6P
Power MOSFET -20 V, -400 mA, P-Channel SOT-23 Package
July, 2004 ??Rev. 2
NTR4101P ONSEMI-NTR4101P Datasheet
56Kb / 6P
Trench Power MOSFET -20 V, Single P-Channel, SOT-23
October, 2004 ??Rev. 3
MGSF1P02ELT1 ONSEMI-MGSF1P02ELT1 Datasheet
74Kb / 8P
Power MOSFET 750 mAmps, 20 Volts P-Channel SOT-23
November, 2000 ??Rev. 2
NTR1P02LT1 ONSEMI-NTR1P02LT1_06 Datasheet
124Kb / 5P
Power MOSFET -20 V, -1.3 A, P-Channel SOT-23 Package
May, 2006 ??Rev. 8
MMBF170LT1 ONSEMI-MMBF170LT1_08 Datasheet
82Kb / 5P
Power MOSFET 500 mA, 60 V N-Channel SOT-23
April, 2008 - Rev. 6
NVTR0202PLT1G ONSEMI-NVTR0202PLT1G Datasheet
127Kb / 5P
Power MOSFET ??0 V, ??00 mA, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 5
logo
Foshan Blue Rocket Elec...
BSS84 FOSHAN-BSS84 Datasheet
750Kb / 6P
P-CHANNEL MOSFET in a SOT-23 Plastic Package
logo
Leshan Radio Company
LNTK3043PT5G LRC-LNTK3043PT5G Datasheet
235Kb / 5P
20 V, 285 mA, P?묬hannel with ESD Protection, SOT??23
logo
First Silicon Co., Ltd
FTK3043P FS-FTK3043P Datasheet
318Kb / 5P
20 V, 285 mA, P?묬hannel with ESD Protection, SOT??23
logo
ON Semiconductor
NTR4101P ONSEMI-NTR4101P_V01 Datasheet
219Kb / 6P
MOSFET – Power, Single P-Channel, Trench, SOT-23 -20 V
June, 2019 - Rev. 12
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com